Electronic Components Datasheet Search
  English  ▼

X  

SE97TP Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 21Page - NXP Semiconductors SE97TP Datasheet HTML 22Page - NXP Semiconductors SE97TP Datasheet HTML 23Page - NXP Semiconductors SE97TP Datasheet HTML 24Page - NXP Semiconductors SE97TP Datasheet HTML 25Page - NXP Semiconductors SE97TP Datasheet HTML 26Page - NXP Semiconductors SE97TP Datasheet HTML 27Page - NXP Semiconductors SE97TP Datasheet HTML 28Page - NXP Semiconductors SE97TP Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
25 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
8.3 Configuration register (01h, 16-bit read/write)
Table 11.
Configuration register (address 01h) bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
RFU
HEN
SHMD
Default
0
000
0000
Access
RRR
RR
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Symbol
CTLB
AWLB
CEVNT
ESTAT
EOCTL
CVO
EP
EMD
Default
000
000
00
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 12.
Configuration register (address 01h) bit description
Bit
Symbol
Description
15:11 RFU
reserved for future use; must be ‘0’.
10:9
HEN
Hysteresis Enable.
00 — disable hysteresis (default)
01 — enable hysteresis at 1.5
°C
10 — enable hysteresis at 3
°C
11 — enable hysteresis at 6
°C
When enabled, hysteresis is applied to temperature movement around trigger
points. For example, consider the behavior of the ‘Above Alarm Window’ bit
(bit 14 of the Temperature register) when the hysteresis is set to 3
°C. As the
temperature rises, bit 14 will be set to ‘1’ (temperature is above the alarm
window) when the Temperature register contains a value that is greater than the
value in the Alarm Temperature Upper Boundary register. If the temperature
decreases, bit 14 will remain set until the measured temperature is less than or
equal to the value in the Alarm Temperature Upper Boundary register minus
3
°C. (Refer to Figure 8 and Table 13).
Similarly, the ‘Below Alarm Window’ bit (bit 13 of the Temperature register) will
be set to ‘0’ (temperature is equal to or above the Alarm Window Lower
Boundary Trip register) when the value in the Temperature register is equal to or
greater than the value in the Alarm Temperature Lower Boundary register. As
the temperature decreases, bit 13 will be set to ‘1’ when the value in the
Temperature register is equal to or less than the value in the Alarm Temperature
Lower Boundary register minus 3
°C. Note that hysteresis is also applied to
EVENT pin functionality.
When either of the Critical Trip or Alarm Window lock bits is set, these bits
cannot be altered until unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com