Electronic Components Datasheet Search
  English  ▼

X  

SE97TP Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 23Page - NXP Semiconductors SE97TP Datasheet HTML 24Page - NXP Semiconductors SE97TP Datasheet HTML 25Page - NXP Semiconductors SE97TP Datasheet HTML 26Page - NXP Semiconductors SE97TP Datasheet HTML 27Page - NXP Semiconductors SE97TP Datasheet HTML 28Page - NXP Semiconductors SE97TP Datasheet HTML 29Page - NXP Semiconductors SE97TP Datasheet HTML 30Page - NXP Semiconductors SE97TP Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
27 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
7
CTLB
Critical Trip Lock bit.
0 — Critical Alarm Trip register is not locked and can be altered (default)
1 — Critical Alarm Trip register settings cannot be altered
This bit is initially cleared. When set, this bit will return a ‘1’, and remains locked
until cleared by internal Power-on reset. This bit can be written with a single
write and do not require double writes.
6
AWLB
Alarm Window Lock bit.
0 — Upper and Lower Alarm Trip registers are not locked and can be altered
(default)
1 — Upper and Lower Alarm Trip registers setting cannot be altered
This bit is initially cleared. When set, this bit will return a ‘1’ and remains locked
until cleared by internal power-on reset. This bit can be written with a single write
and does not require double writes.
5
CEVNT
Clear EVENT (write only).
0 — no effect (default)
1 — clears active EVENT in Interrupt mode. Writing to this register has no
effect in Comparator mode.
When read, this register always returns zero.
4
ESTAT
EVENT Status (read only).
0 — EVENT output condition is not being asserted by this device (default)
1 — EVENT output pin is being asserted by this device due to Alarm Window
or Critical Trip condition
The actual event causing the EVENT can be determined from the Read
Temperature register. Interrupt Events can be cleared by writing to the ‘Clear
EVENT’ bit (CEVNT). Writing to this bit will have no effect.
3
EOCTL
EVENT Output Control.
0 — EVENT output disabled (default)
1 — EVENT output enabled
When either of the Critical Trip or Alarm Window lock bits is set, this bit cannot
be altered until unlocked.
2
CVO
Critical Event Only.
0 — EVENT output on Alarm or Critical temperature event (default)
1 — EVENT only if temperature is above the value in the critical temperature
register
When the Critical Trip or Alarm Window lock bit is set, this bit cannot be altered
until unlocked.
• Advisory note:
– JEDEC specification requires only the Alarm Window lock bit to be set.
– Work-around: Clear both Critical Trip and Alarm Window lock bits.
– Future 1.7 V to 3.6 V SE97B will require only the Alarm Window lock bit
to be set.
1
EP
EVENT Polarity.
0 — active LOW (default)
1 — active HIGH. When either of the Critical Trip or Alarm Window lock bits is
set, this bit cannot be altered until unlocked.
Table 12.
Configuration register (address 01h) bit description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com