Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 3Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 4Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 5Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 6Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 7Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 8Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 9Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 10Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
PIN
Supply Output for CMOS RAM. When VCC rises above the reset threshold or above
VBATT, OUT is connected to VCC through an internal p-channel MOSFET switch. When
VCC falls below VSW and VBATT, BATT connects to OUT.
OUT
1
1
Reset Input. Connect to an external resistor-divider to select the reset threshold. The
reset threshold can be programmed anywhere in the VSW to 5.5V range.
RESET IN
(MAX794)
3
—
Battery Status Output. High in normal operating mode when VBATT exceeds VBOK, other-
wise low. VBATT is checked continuously. Disabled and logic low while VCC is below VSW.
BATT OK
(MAX793)
Main Supply Input
VCC
2
2
Power-Fail Comparator Output. When PFI is less than VPFT or when VCC falls below
VSW, PFO goes low; otherwise, PFO remains high. PFO is also used to enable the bat-
tery freshness seal (see
Battery Freshness Seal, and Power-Fail Comparator sections).
PFO
7
—
Active-High Reset Output. Sources and sinks current. RESET is the inverse of RESET.
RESET
13
Chip-Enable Output. CE OUT goes low only when CE IN is low and reset is not asserted.
If CE IN is low when reset is asserted, CE OUT remains low for 10µs or until CE IN goes
high, whichever occurs first. CE OUT is pulled up to OUT.
CE OUT
12
—
6
Ground
GND
6
Power-Fail Comparator Input. When PFI is less than VPFT or when VCC falls below VSW,
PFO goes low; otherwise, PFO remains high (see Power-Fail Comparator section).
Connect to VCC if unused.
PFI
4
Chip-Enable Input. The input to the chip-enable gating circuit. Connect to GND if unused.
CE IN
11
5
4
—
Watchdog Output. WDO goes low if WDI remains either high or low for longer than the
watchdog timeout period. WDO returns high on the next transition of WDI. WDO is a
logic high for VSW < VCC < VRST, and low when VCC is below VSW.
WDO
9
—
Manual Reset Input. A logic low on MR asserts reset. Reset remains asserted as long as
MR is low and for 200ms after MR returns high. The active-low input has an internal
70µA pullup current. It can be driven from a TTL- or CMOS-logic line or shorted to
ground with a switch. Leave open if unused.
MR
8
—
Watchdog Input. If WDI remains either high or low for longer than the watchdog timeout
period, the internal watchdog timer runs out and WDO goes low. WDO returns high on
the next transition of WDI. Connect WDO to MR to generate a reset due to a watchdog
fault.
WDI
10
—
Early Power-Fail Warning Output. Low when VCC falls to VLR. This output can be used to
generate an NMI to provide early warning of imminent power failure.
LOWLINE
14
—
Open-Drain, Active-Low Reset Output. Pulses low for 200ms when triggered, and stays
low whenever VCC is below the reset threshold or when MR is a logic low. It remains low
for 200ms after either VCC rises above the reset threshold, the watchdog triggers a reset
(WDO connected to MR), or MR goes low to high.
RESET
15
7
Backup-Battery Input. When VCC falls below VSW and VBATT, OUT switches from VCC to
BATT. When VCC rises above the reset threshold or above VBATT, OUT reconnects to
VCC. VBATT can exceed VCC. Connect VCC, OUT, and BATT together if no battery is
used.
BATT
16
8
Logic Output/External Bypass Switch-Driver Output. High when OUT switches to BATT.
Low when OUT switches to VCC. Connect the base/gate of PNP/PMOS transistor to
BATT ON for IOUT requirements exceeding 75mA.
BATT ON
5
3
MAX793/
MAX794
FUNCTION
NAME
MAX795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com