Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 2Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 3Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 4Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 5Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 6Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 7Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 8Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 9Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
1.242
1.241
1.240
1.239
1.238
1.237
1.236
30
25
20
15
10
5
0
-40
100
MAX794
RESET IN THRESHOLD AND LOWLINE-TO-RESET IN
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
VLOWLINE - VRST
VRESET IN
VCC FALLING
2.5
2.0
1.5
1.0
0.5
0
-40
100
MAX793
BATT OK THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
VBATT FALLING
60
50
40
30
20
10
0
-40
100
CE IN-TO-CE OUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
VCC = VRST MAX
1.70
1.65
1.60
1.55
1.50
-40
100
MAX793/MAX794
WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
20
15
10
5
0
-40
100
MAX793/MAX794
BATTERY FRESHNESS SEAL
LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
VBATT = 5.5V
VCC = 0V
VOUT = 0V
1.002
1.001
1.000
0.999
0.998
0.997
0.996
-40
100
RESET THRESHOLD
vs. TEMPERATURE (NORMALIZED)
TEMPERATURE (
°C)
20
-20
0
80
40
60
VCC FALLING
10
8
6
4
2
0
-40
100
MAX793/MAX794
PFI TO PFO PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
VPFI FALLING
20mV OVERDRIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com