Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 12Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 13Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 14Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 15Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 16Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 17Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 18Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 19Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Monitoring an Additional Power Supply
These µP supervisors can monitor either positive or
negative supplies using a resistor voltage divider to
PFI. PFO can be used to generate an interrupt to the µP
or to cause reset to assert (Figure 12).
Interfacing to µPs with
Bidirectional Reset Pins
Since the RESET output is open drain, the MAX793/
MAX794/MAX795 interface easily with µPs that have
bidirectional reset pins, such as the Motorola 68HC11.
Connecting the RESET output of the µP supervisor
directly to the RESET input of the microcontroller with a
single pullup resistor allows either device to assert
reset (Figure 17).
Negative-Going VCC Transients
These supervisors are relatively immune to short-dura-
tion negative-going VCC transients (glitches) while issu-
ing resets to the µP during power-up, power-down, and
brownout conditions. Therefore, resetting the µP when
VCC experiences only small glitches is usually not rec-
ommended.
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
______________________________________________________________________________________
17
MAX793
MAX794
VCC
GND
0V
TO
µP
VL = R1 VPFT
PFI
PFO
R1
R2
R3
*OPTIONAL
C1*
VIN
VTRIP
VIN
PFO
0V
VH
VL
R1 + R2
R2
VH = (VPFT + VPFH) (R1)
VTRIP = VPFT
+
R1
1
+
R2
1
R3
1
–
R3
VCC
VPFT = 1.237V
VPFH = 10mV
WHERE
VCC
GND
TO
µP
PFI
PFO
R1
R2
R3
*OPTIONAL
C1*
VIN
R1 + R2
)
R2
VH = R1 (VPFT + VPFH)
VTRIP = VPFT
(
+
R1
1
+
R2
1
R3
1
–
R3
VD
VPFT = 1.237V
VPFH = 10mV
VD = DIODE FORWARD VOLTAGE DROP
VL = VTRIP
WHERE
MAX793
MAX794
0V
PFO
0V
VH
VIN
VTRIP
(b)
(a)
(
)
(
)
(
)
+
R1
1
+
R2
1
R3
1
(
)
Figure 16. Adding Hysteresis to the Power-Fail Comparator: (a) Symmetrical Hysteresis, (b) Hysteresis Only on Rising VIN
MAX793
MAX794
MAX795
VCC
GND
VCC
N
RESET
GENERATOR
GND
VCC
RESET
RESET
µP
Figure 17. Interfacing to µPs with Bidirectional Reset I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com