Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 4Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 5Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 6Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 7Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 8Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 9Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 10Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 11Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
8
_______________________________________________________________________________________
_______________Detailed Description
General Timing Characteristics
The MAX793/MAX794/MAX795 are designed for 3.3V
and 3V systems, and provide a number of supervisory
functions (see the
Selector Guide on the front page).
Figures 1 and 2 show the typical timing relationships of
the various outputs during power-up and power-down
with typical VCC rise and fall times.
Manual Reset Input (MAX793/MAX794)
Many microprocessor-based products require manual-
reset capability, allowing the operator, a test technician,
or external logic circuitry to initiate a reset. On the
MAX793/MAX794, a logic low on MR asserts reset. Reset
remains asserted while MR is low, and for tRP (200ms)
after it returns high. During the first half of the reset time-
out period (tRP), the state of MR is ignored if PFO is exter-
nally forced low to facilitate enabling the battery fresh-
ness seal. MR has an internal 70µA pullup current, so it
can be left open if it is not used. This input can be driven
with TTL- or CMOS-logic levels, or with open-drain/collec-
tor outputs. Connect a normally open momentary switch
from MR to GND to create a manual-reset function; exter-
nal debounce circuitry is not required. If MR is driven
from long cables or the device is used in a noisy environ-
ment, connect a 0.1µF capacitor from MR to ground to
provide additional noise immunity.
Reset Outputs
A microprocessor’s (µP’s) reset input starts the µP in a
known state. These MAX793/MAX794/MAX795 µP
supervisory circuits assert a reset to prevent code exe-
cution errors during power-up, power-down, and
VLOWLINE (MAX793/MAX794)
VRESET (PULLED UP TO VCC)
VRESET (MAX793/MAX794)
(PFO FOLLOWS PFI)
VCE OUT
VBATT
VWDO
(MAX793/MAX794)
VBOK
(MAX793)
MAX794: VRESET IN = VCC (VRST IN / VRST)
PFO
(MAX793/MAX794)
BATT ON
SHOWN FOR VCC = 0V to 3.3V, VBATT = 3.6V, CE IN = GND.
TYPICAL PROPAGATION DELAYS REFLECT A 40mV OVERDRIVE.
5
µs
VSW
VCC
VRST
VLL
tRP
25
µs
25
µs
25
µs
25
µs
tRP
tRP/2
tRP/2
Figure 1. Timing Diagram, VCC Rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com