Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 6Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 7Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 8Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 9Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 10Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 11Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 12Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 13Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Reset Threshold
The MAX793T/MAX795T are intended for 3.3V systems
with a ±5% power-supply tolerance and a 10% systems
tolerance. Except when MR is asserted, reset does not
assert as long as the power supply remains above
3.15V (3.3V - 5%). Reset is guaranteed to assert before
the power supply falls below 3.0V (3.3V - 10%).
The MAX793S/MAX795S are designed for 3.3V ±10%
power supplies. Except when MR is asserted, they are
guaranteed not to assert reset as long as the supply
remains above 3.0V (3.0V is just above 3.3V - 10%).
Reset is guaranteed to assert before the power supply
falls below 2.85V (3.3V - 14%).
The MAX793R/MAX795R are optimized to monitor 3.0V
±10% power supplies. Reset does not occur until VCC
falls below 2.7V (3.0V - 10%), but is guaranteed to
occur before the supply falls below 2.55V (3.0V - 15%).
Program the MAX794’s reset threshold with an external
voltage divider to RESET IN. The reset-threshold toler-
ance is a combination of the RESET IN tolerance and
the tolerance of the resistors used to make the external
voltage divider. Calculate the reset threshold as follows:
VRST = VRST IN (R1 / R2 + 1)
Using the standard application circuit (Figure 3), the
reset threshold can be programmed anywhere in the
range of VSW (the battery switch threshold) to 5.5V.
Reset is asserted when VCC falls below VSW.
Battery Freshness Seal
The MAX793/MAX794’s battery freshness seal discon-
nects the backup battery from internal circuitry until it is
needed. This allows an OEM to ensure that the backup
battery connected to BATT is fresh when the final prod-
uct is put to use. To enable the freshness seal, connect
a battery to BATT, ground PFO, bring VCC above the
reset threshold, and hold it there until reset is deassert-
ed following the reset timeout period, then bring VCC
back down again (Figure 4). Once the battery fresh-
ness seal is enabled (disconnecting the backup battery
from the internal circuitry and anything connected to
OUT), it remains enabled until VCC is brought above
VRST. Note that connecting PFO to MR does not inter-
fere with battery freshness seal operation.
BATT OK Output (MAX793)
BATT OK indicates the status of the backup battery.
When reset is not asserted, the MAX793 checks the
battery voltage continuously. If VBATT is below VBOK
(2.0V min), BATT OK goes low; otherwise, it remains
pulled up to VCC. BATT OK also goes low when VCC
goes below VSW.
Watchdog Input (MAX793/MAX794)
In the MAX793/MAX794, the watchdog circuit monitors
the µP’s activity. If the µP does not toggle the watchdog
input (WDI) within 1.6s, WDO goes low. The internal
1.6s timer is cleared and WDO returns high either when
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
10
______________________________________________________________________________________
MAX794
RESET
LOWLINE
WDI
CE IN
CE OUT
3.3V
+5V
BATT
RESET IN
A0-A15
MR
+5V SUPPLY
FAILURE
BATT ON
PFI
4.7k
Ω
WDO
OUT
CMOS
RAM
ADDRESS
DECODER
0.1
µF
PMOS
0.1
µF
VCC
PFO
VRST = VRST IN
(R1 + 1)
GND
I/O
NMI
RESET
VCC
VCC
0.1
µF
3.6V
R1
D
S
R2
(OPTIONAL)
Si9433DY
SILICONIX
R2
Figure 3. MAX794 Standard Application Circuit
VCC
VRST
VRST
RESET
PFO
(EXTERNALLY HELD AT 0V)
RESET PULLED UP TO VCC
PFO STATE LATCHED,
FRESHNESS SEAL ENABLED.
tRP
Figure 4. Battery Freshness Seal Enable Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com