Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 11Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 12Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 13Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 14Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 15Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 16Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 17Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 18Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
__________Applications Information
These µP supervisory circuits are not short-circuit pro-
tected. Shorting VOUT to ground, excluding power-up
transients such as charging a decoupling capacitor,
destroys the device. Decouple both VCC and BATT
pins to ground by placing 0.1µF ceramic capacitors as
close to the device as possible.
Driving an External Switch with BATT ON
BATT ON can be directly connected to the base of a
PNP transistor or the gate of a PMOS transistor. The
PNP connection is straightforward: connect the emitter
to VCC, the collector to OUT, and the base to BATT ON
(Figure 14a). No current-limiting resistor is required, but
a resistor connecting the base of the PNP to BATT ON
can be used to limit the current drawn from VCC, pro-
longing battery life in portable equipment.
If you are using a PMOS transistor, however, it must be
connected backwards from the traditional method.
Connect the gate to BATT ON, the drain to VCC, and
the source to OUT (Figure 14b). This method orients
the body diode from VCC to OUT and prevents the
backup battery from discharging through the FET when
its gate is high. Two PMOS transistors in the Siliconix
LITTLE FOOT® series are specified with VGS down to
-2.7V. The Si9433DY has a maximum 100m
Ω drain-
source on-resistance with 2.7V of gate drive and a 2A
drain-source current. The Si9434DY specifies a 60m
Ω
drain-source on-resistance with 2.7V of gate drive and
a 5.1A drain-source current.
Using a Super Cap as a Backup
Power Source
Super caps are capacitors with extremely high capaci-
tance values (e.g., order of 0.47F) for their size. Figure
15 shows two ways to use a super cap as a backup
power source. The super cap can be connected
through a diode to the 3V input (Figure 15a); or, if a 5V
supply is also available, the super cap can be charged
up to the 5V supply (Figure 15b), allowing a longer
backup period. Since VBATT can exceed VCC while
VCC is above the reset threshold, there are no special
precautions when using these µP supervisors with a
super cap.
Operation without a
Backup Power Source
These µP supervisors were designed for battery-
backed applications. If a backup battery is not used,
connect BATT, OUT, and VCC together, or use a differ-
ent µP supervisor. See the
µP Supervisory Circuits table
at the end of this data sheet.
Replacing the Backup Battery
The backup power source can be removed while VCC
remains valid, without danger of triggering a reset
pulse, provided that BATT is decoupled with a 0.1µF
capacitor to ground. As long as VCC stays above the
reset threshold, battery-backup mode cannot be
entered.
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
______________________________________________________________________________________
15
CE IN
High impedance
CE OUT
Pulled to BATT
RESET
Logic low
BATT
Connected to OUT
LOWLINE
Logic low
RESET
Pulled up to VCC
WDO
Logic low
WDI
Disabled
BATT OK
Logic low
PFO
Logic low
MR
Disabled, but still pulled up to VCC
PFI
Disabled
VCC
Disconnected from OUT
BATT ON
Pulled up to BATT
OUT
Connected to BATT through an internal
140
Ω switch
PIN NAME
STATUS
Table 1. Input and Output Status in
Battery-Backup Mode
VCC
3.3V
3.6V
3.3V
3.6V
VOUT
VBATT = 3.6V
VRST
VSW
Figure 13. Battery Switchover Timing
LITTLE FOOT is a registered trademark of Siliconix Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com