Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 8Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 9Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 10Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 11Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 12Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 13Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 14Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 15Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
The CE transmission gate remains disabled and CE IN
remains high impedance (regardless of CE IN activity)
for the first half of the reset timeout period (tRP / 2), any
time a reset is generated. While disabled, CE IN is high
impedance. When the CE transmission gate is enabled,
the impedance of CE IN appears as a 46
Ω resistor in
series with the load at CE OUT.
The propagation delay through the CE transmission
gate depends on VCC, the source impedance of the
drive connected to CE IN, and the loading on CE OUT.
The CE propagation delay is production tested from the
50% point on CE IN to the 50% point on CE OUT using
a 50
Ω driver and 50pF of load capacitance (Figure 9).
For minimum propagation delay, minimize the capaci-
tive load at CE OUT and use a low-output-impedance
driver.
Chip-Enable Output
When the CE transmission gate is enabled, the imped-
ance of CE OUT is equivalent to a 46
Ω resistor in series
with the source driving CE IN. In the disabled mode,
the transmission gate is off and an active pullup con-
nects CE OUT to OUT (Figure 8). This pullup turns off
when the transmission gate is enabled.
Early Power-Fail Warning
(MAX793/MAX794)
Critical systems often require an early warning indicat-
ing that power is failing. This warning provides time for
the µP to store vital data and take care of any additional
“housekeeping” functions, before the power supply
gets too far out of tolerance for the µP to operate reli-
ably. The MAX793/MAX794 offer two methods of
achieving this early warning. If access to the unregulat-
ed supply is feasible, the power-fail comparator input
(PFI) can be connected to the unregulated supply
through a voltage divider, with the power-fail compara-
tor output (PFO) providing the NMI to the µP (Figure
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
12
______________________________________________________________________________________
CHIP-ENABLE
OUTPUT
CONTROL
CE OUT
N
P
P
OUT
CE IN
MAX793
MAX794
MAX795
RESET
GENERATOR
Figure 7. Chip-Enable Transmission Gate
VBATT
VCC
VRST
VRST
VSW
VRST
VCC
CE OUT
RESET
(PULLED TO VCC)
CE IN
VBATT = 3.6V
RESET PULLED UP TO VCC
tRP
10
µs
tRP/2
VBATT
VSW
VRST
Figure 8. Chip-Enable Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com