Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 12Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 13Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 14Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 15Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 16Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 17Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 18Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 19Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Figure 18 shows maximum transient duration vs. reset-
comparator overdrive, for which reset pulses are not
generated. The graph was produced using negative-
going VCC pulses, starting at 3.3V and ending below
the reset threshold by the magnitude indicated (reset
comparator overdrive). The graph shows the maximum
pulse width a negative-going VCC transient can typically
have without causing a reset pulse to be issued. As
the amplitude of the transient increases (i.e., goes far-
ther below the reset threshold), the maximum allowable
pulse width decreases. Typically, a VCC transient that
goes 40mV below the reset threshold and lasts for 10µs
or less does not cause a reset pulse to be issued.
A 0.1µF bypass capacitor mounted close to the VCC
pin provides additional transient immunity.
Watchdog Software Considerations
There is a way to help the watchdog timer monitor soft-
ware execution more closely, which involves setting
and resetting the watchdog input at different points in
the program rather than pulsing the watchdog input
high-low-high or low-high-low. This technique avoids a
stuck loop, in which the watchdog timer would continue
to be reset within the loop, keeping the watchdog from
timing out. Figure 19 shows an example of a flow dia-
gram where the I/O driving the watchdog input is set
high at the beginning of the program, set low at the
beginning of every subroutine or loop, then set high
again when the program returns to the beginning. If the
program should hang in any subroutine, the problem
would quickly be corrected, since the I/O is continually
set low and the watchdog timer is allowed to time out,
causing a reset or interrupt to be issued.
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
18
______________________________________________________________________________________
100
0
10
20
30
100
10
20
30
80
90
RESET COMPARATOR OVERDRIVE, VRST - VCC (mV)
40
50
60
70
80
90
60
40
50
70
Figure 18. Maximum Transient Duration without Causing a
Reset Pulse vs. Reset Comparator Overdrive
Figure 19. Watchdog Flow Diagram
START
SET WDI
HIGH
RETURN
PROGRAM
CODE
Subroutine or
Program Loop
SET WDI LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com