Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 12Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 13Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 14Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 15Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 16Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 17Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 18Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 19Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
______________________________________________________________________________________
19
_________________Pin Configurations
CE IN
CE OUT
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
BATT
RESET
LOWLINE
RESET
PFI
(RESET IN) BATT OK
VCC
OUT
TOP VIEW
MAX793
MAX794
CE OUT
CE IN
WDI
WDO
MR
PFO
GND
BATT ON
DIP/Narrow SO
1
2
3
4
8
7
6
5
BATT
GND
BATT ON
VCC
OUT
MAX795
DIP/SO
RESET
( ) ARE FOR MAX794
Chip Information
TRANSISTOR COUNT: 1271
_Ordering Information (continued)
PART*
TEMP RANGE
PIN-
PACKAGE
MAX793_EPE
-40°C to +85°C
16 Plastic DIP
MAX793_ESE
-40°C to +85°C
16 Narrow SO
MAX794CPE
0°C to +70°C
16 Plastic DIP
MAX794CSE
0°C to +70°C
16 Narrow SO
MAX794EPE
-40°C to +85°C
16 Plastic DIP
MAX794ESE
-40°C to +85°C
16 Narrow SO
MAX795_CPA
0°C to +70°C
8 Plastic DIP
MAX795_CSA
0°C to +70°C
8 SO
MAX795_EPA
-40°C to +85°C
8 Plastic DIP
MAX795_ESA
-40°C to +85°C
8 SO
*
The MAX793/MAX795 offer a choice of reset threshold voltage.
Select the letter corresponding to the desired reset threshold
voltage range (T = 3.00V to 3.15V, S = 2.85V to 3.00V, R =
2.55V to 2.70V) and insert it into the blank to complete the part
number. The MAX794’s reset threshold is adjustable.
Devices are available in both leaded and lead-free packaging.
Specify lead free by adding the + symbol at the end of the part
number when ordering.
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
8 SO
S8-2
21-0041
8 Plastic Dip
R8-1
21-0043
16 Plastic Dip
P16-1
21-0043
16 Narrow SO
S16-1
21-0041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com