Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 7Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 8Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 9Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 10Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 11Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 12Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 13Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 14Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
a reset occurs or when a transition (low-to-high or high-
to-low) takes place at WDI. As long as reset is assert-
ed, the timer remains cleared and does not count. As
soon as reset is released or WDI changes state, the
timer starts counting (Figure 5). WDI can detect pulses
as short as 100ns. Unlike the 5V MAX690 family, the
watchdog function cannot be disabled.
Watchdog Output (MAX793/MAX794)
In the MAX793/MAX794, WDO remains high (WDO is
pulled up to VCC) if there is a transition or pulse at WDI
during the watchdog timeout period. WDO goes low if
no transition occurs at WDI during the watchdog timeout
period. The watchdog function is disabled and WDO is
a logic high when reset is asserted if VCC is above VSW.
WDO is a logic low when VCC is below VSW.
If a system reset is desired on every watchdog fault,
simply diode-OR connect WDO to MR (Figure 6).
When a watchdog fault occurs in this mode, WDO goes
low, pulling MR low, which causes a reset pulse to be
issued. Ten microseconds after reset is asserted, the
watchdog timer clears and WDO returns high. This
delay results in a 10µs pulse at WDO, allowing external
circuitry to capture a watchdog fault indication. A con-
tinuous high or low on WDI causes 200ms reset pulses
to be issued every 1.6s.
Chip-Enable Signal Gating
Internal gating of chip-enable (CE) signals prevents erro-
neous data from corrupting CMOS RAM in the event of an
undervoltage condition. The MAX793/MAX794/MAX795
use a series transmission gate from CE IN to CE OUT
During normal operation (reset not asserted), the CE
transmission gate is enabled and passes all CE transi-
tions. When reset is asserted, this path becomes dis-
abled, preventing erroneous data from corrupting the
CMOS RAM. The short CE propagation delay from CE IN
to CE OUT enables these µP supervisors to be used with
most µPs. If CE IN is low when reset asserts, CE OUT
remains low for typically 10µs to permit completion of the
current write cycle.
Chip-Enable Input
The CE transmission gate is disabled and CE IN is high
impedance (disabled mode) while reset is asserted.
During a power-down sequence when VCC passes the
reset threshold, the CE transmission gate disables and
CE IN immediately becomes high impedance if the volt-
age at CE IN is high. If CE IN is low when reset asserts,
the CE transmission gate disables at the moment CE IN
goes high, or 10µs after reset asserts, whichever
occurs first (Figure 8). This permits the current write
cycle to complete during power-down.
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
______________________________________________________________________________________
11
VCC
VRST
RESET
tWD
WDO
WDI
WDO CONNECTED TO
µP INTERRUPT
RESET PULLED UP TO VCC
tRP
Figure 5. Watchdog Timing Relationship
VCC
VCC
RESET
WDO
WDO
4.7k
Ω
TO
µP
MR
RESET
WDI
tRP
tRP
tWP
∼10µs
MAX793/MAX794
Figure 6. Generating a Reset on Each Watchdog Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com