Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 9Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 10Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 11Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 12Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 13Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 14Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 15Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 16Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
______________________________________________________________________________________
13
10). If there is no easy access to the unregulated sup-
ply, the LOWLINE output can be used to generate an
NMI to the µP (see LOWLINE
Output section).
L
LO
OW
WL
LIIN
NE
E Output (MAX793/MAX794)
The low-line comparator monitors VCC with a threshold
voltage typically 45mV above the reset threshold (10mV
of hysteresis) for the MAX793, and 15mV above RESET
IN (4mV of hysteresis) for the MAX794. For normal
operation (VCC above the reset threshold), LOWLINE is
pulled to VCC. Use LOWLINE to provide an NMI to the
µP when power begins to fall.
In most battery-operated portable systems, reserve
energy in the battery provides ample time to complete
the shutdown routine once the low-line warning is
encountered and before reset asserts. If the system
must also contend with a more rapid VCC fall time, such
as when the main battery is disconnected or a high-
side switch is opened during normal operation, use
capacitance on the VCC line to provide time to execute
the shutdown routine (Figure 11).
First, calculate the worst-case time required for the sys-
tem to perform its shutdown routine. Then, with the worst-
case shutdown time, the worst-case load current, and the
minimum low-line to reset threshold (VLR min), calculate
the amount of capacitance required to allow the shut-
down routine to complete before reset is asserted:
CHOLD > ILOAD x tSHDN / VLR
where ILOAD is the current being drained from the
capacitor, VLR is the low-line to reset threshold differ-
ence (VLL - VRST), and tSHDN is the time required for
the system to complete an orderly shutdown routine.
Power-Fail Comparator (MAX793/MAX794)
The MAX793/MAX794’s PFI input is compared to an
internal reference. If PFI is less than the power-fail
threshold (VPFT), PFO goes low. The power-fail com-
parator is intended for use as an undervoltage detector
to signal a failing power supply (Figure 12). However,
the comparator does not need to be dedicated to this
function because it is completely separate from the rest
of the circuitry.
VCC
GND
VCC
50pF
CL*
CE IN
*CL INCLUDES LOAD CAPACITANCE AND SCOPE PROBE CAPACITANCE.
50
Ω
3.6V
25
Ω EQUIVALENT
SOURCE IMPEDANCE
50
Ω
50
ΩCABLE
BATT
CE OUT
MAX793
MAX794
MAX795
Figure 9. CE Propagation Delay Test Circuit
VCC
GND
PFI
TO
µP NMI
R1
UNREGULATED
SUPPLY
3.0V OR 3.3V
R2
PFO
MAX793
MAX794
REGULATOR
Figure 10. Using the Power-Fail Comparator to Generate
Power-Fail Warning
GND
VCC
TO
µP NMI
CHOLD
CHOLD > ILOAD x tSHDN
VLR
3.0V OR 3.3V
LOWLINE
MAX793
MAX794
REGULATOR
Figure 11. Using LOWLINE to Provide Power-Fail Warning
to the µP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com