Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 5Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 6Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 7Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 8Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 9Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 10Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 11Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 12Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
brownout conditions. RESET is guaranteed to be a
logic low for 0V < VCC < VRST, provided VBATT is
greater than 1V. Without a backup battery (VBATT =
VCC = VOUT), RESET is guaranteed valid for VCC
≥ 1V.
Once VCC exceeds the reset threshold, an internal
timer keeps RESET low for the reset timeout period
(tRP); after this interval, RESET becomes high imped-
ance (Figure 2). RESET is an open-drain output, and
requires a pullup resistor to VCC (Figure 3). Use a
4.7k
Ω to 1MΩ pullup resistor that provides sufficient
current to assure the proper logic levels to the µP.
If a brownout condition occurs (VCC dips below the
reset threshold), RESET goes low. Each time RESET is
asserted, it stays low for the reset timeout period. Any
time VCC goes below the reset threshold, the internal
timer restarts.
The watchdog output (WDO) can also be used to initi-
ate a reset. See the
Watchdog Output section.
The RESET output is the inverse of the RESET output,
and it can both source and sink current.
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
_______________________________________________________________________________________
9
VCC
VLOWLINE
(MAX793/MAX794)
VRESET
(RESET PULLED UP TO VCC)
VRESET
(MAX793/MAX794)
VCE OUT
VWDO
(MAX793/MAX794)
VBOK
(MAX793)
VPFO
(MAX793/MAX794)
SHOWN FOR VCC = 3.3V to 0V, VBATT = 3.6V, CE IN = GND, PFI = VCC.
TYPICAL DELAY TIMES REFLECT A 40mV OVERDRIVE
VBATT ON
MAX794: VRESET IN = VCC (VRST IN / VRST)
VBATT
VBATT
4
µs
VLL
VRST
VSW
20
µs
20
µs
25
µs
10
µs
25
µs
25
µs
25
µs
25
µs
Figure 2. Timing Diagram, VCC Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com