Electronic Components Datasheet Search
  English  ▼

X  

MAX793_EPE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX793_EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_EPE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX793_EPE Datasheet HTML 12Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 13Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 14Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 15Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 16Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 17Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 18Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 19Page - Maxim Integrated Products MAX793_EPE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Adding Hysteresis to the Power-Fail
Comparator (MAX793/MAX794)
The power-fail comparator has a typical input hystere-
sis of 10mV. This is sufficient for most applications
where a power-supply line is being monitored through
an external voltage divider (see the section
Monitoring
an Additional Power Supply).
If additional noise margin is desired, connect a resistor
between PFO and PFI as shown in Figure 16a. Select
the ratio of R1 and R2 such that PFI sees VPFT when
VIN falls to its trip point (VTRIP). R3 adds the additional
hysteresis and should typically be more than 10 times
the value of R1 or R2. The hysteresis window extends
both above (VH) and below (VL) the original trip point
(VTRIP).
Connecting an ordinary signal diode in series with R3,
as shown in Figure 16b, causes the lower trip point (VL)
to coincide with the trip point without hysteresis (VTRIP),
so the entire hysteresis window occurs above VTRIP.
This method provides additional noise margin without
compromising the accuracy of the power-fail threshold
when the monitored voltage is falling. It is useful for
accurately detecting when a voltage falls past a thresh-
old. The current through R1 and R2 should be at least
1µA to ensure that the 25nA (max over temperature)
PFI input current does not shift the trip point. R3 should
be larger than 82k
Ω so it does not load down the PFO
pin. Capacitor C1 is optional, and adds noise rejection.
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
16
______________________________________________________________________________________
MAX793
MAX794
MAX795
3.0V OR 3.3V
TO CMOS RAM
BODY DIODE
GND
MAX793
MAX794
MAX795
BATT ON
VCC
OUT
S
D
G
PMOS FET
BATT ON
VCC
OUT
GND
(b)
(a)
Figure 14. Driving an External Transistor with BATT ON
MAX793
MAX794
OUT
TO STATIC
RAM
BATT
VCC
GND
1N4148
RESET
TO
µP
0.47F
3.0V OR 3.3V
MAX793
MAX794
OUT
TO STATIC
RAM
BATT
VCC
VCC
GND
1N4148
RESET
TO
µP
0.47F
3.0V OR
3.3V
+5V
(b)
(a)
VCC
Figure 15. Using a Super Cap as a Backup Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com