Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZCE3 Datasheet(PDF) 119 Page - Texas Instruments

Part # AMPL138ZCE3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCE3 Datasheet(HTML) 119 Page - Texas Instruments

Back Button AMPL138ZCE3 Datasheet HTML 115Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 116Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 117Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 118Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 119Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 120Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 121Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 122Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 268 page
background image
6.11.3.5 DDR2/mDDR Keep Out Region
A1
A1
DDR2/mDDR
Device
RegionshouldencompassallDDR2/mDDRcircuitryandvaries
dependingonplacement.Non-DDR2/mDDRsignalsshouldnotbe
routedontheDDRsignallayerswithintheDDR2/mDDRkeepout
region.Non-DDR2/mDDRsignalsmayberoutedintheregion
providedtheyareroutedonlayersseparatedfromDDR2/mDDR
signallayersbyagroundlayer.Nobreaksshouldbeallowedinthe
referencegroundlayersinthisregion.Inaddition,the1.8Vpower
planeshouldcovertheentirekeepoutregion.
OMAP-L138 Low-Power Applications Processor
www.ti.com
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
The region of the PCB used for the DDR2/mDDR circuitry must be isolated from other signals. The
DDR2/mDDR keep out region is defined for this purpose and is shown in Figure 6-21. The size of this
region varies with the placement and DDR routing. Additional clearances required for the keep out region
are shown in Table 6-29.
Figure 6-21. DDR2/mDDR Keepout Region
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com