Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZCE3 Datasheet(PDF) 123 Page - Texas Instruments

Part # AMPL138ZCE3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCE3 Datasheet(HTML) 123 Page - Texas Instruments

Back Button AMPL138ZCE3 Datasheet HTML 119Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 120Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 121Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 122Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 123Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 124Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 125Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 126Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 268 page
background image
6.11.3.11 DDR2/mDDR CK and ADDR_CTRL Routing
A1
A1
A
T
OMAP-L138 Low-Power Applications Processor
www.ti.com
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
Figure 6-23 shows the topology of the routing for the CK and ADDR_CTRL net classes. The route is a
balanced T as it is intended that the length of segments B and C be equal. In addition, the length of A
should be maximized.
Figure 6-23. CK and ADDR_CTRL Routing and Topology
Table 6-35. CK and ADDR_CTRL Routing Specification
No.
Parameter
Min
Typ
Max
Unit
Notes
1
CK A to B/A to C Skew Length Mismatch
25
Mils
See Note (1)
2
CK B to C Skew Length Mismatch
25
Mils
3
Center to center CK to other DDR2/mDDR trace spacing
4w
See Note (2)
4
CK/ADDR_CTRL nominal trace length
CACLM-50
CACLM
CACLM+50
Mils
See Note (3)
5
ADDR_CTRL to CK Skew Length Mismatch
100
Mils
6
ADDR_CTRL to ADDR_CTRL Skew Length Mismatch
100
Mils
7
Center to center ADDR_CTRL to other DDR2/mDDR trace spacing
4w
See Note (2)
8
Center to center ADDR_CTRL to other ADDR_CTRL trace spacing
3w
See Note (2)
9
ADDR_CTRL A to B/A to C Skew Length Mismatch
100
Mils
See Note (1)
10
ADDR_CTRL B to C Skew Length Mismatch
100
Mils
(1)
Series terminator, if used, should be located closest to Soc.
(2)
Center to center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(3)
CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com