Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 16Page - NXP Semiconductors LPC3230 Datasheet HTML 17Page - NXP Semiconductors LPC3230 Datasheet HTML 18Page - NXP Semiconductors LPC3230 Datasheet HTML 19Page - NXP Semiconductors LPC3230 Datasheet HTML 20Page - NXP Semiconductors LPC3230 Datasheet HTML 21Page - NXP Semiconductors LPC3230 Datasheet HTML 22Page - NXP Semiconductors LPC3230 Datasheet HTML 23Page - NXP Semiconductors LPC3230 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
20 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
[1]
The PWM2_CTRL register controls this pin function (see
LPC32x0 User manual).
[1]
See
LPC32x0 User manual for details.
VSS_IOB
F6
-
power
Ground for 1.8 V or 3.3 V I/O for GPI_6, GPO_4,
GPO_11, I2C1
VSS_IOC
F5,
G5,
H5
-
power
Ground IOC domain
VSS_IOD
F10,
F11,
F12,
H12
-
power
Ground IOD domain
VSS_OSC
P14
-
power
Ground for main oscillator
VSS_PLL397
T15
-
power
Ground for 397x PLL
VSS_PLLHCLK
R18
-
power
Ground for HCLK PLL
VSS_PLLUSB
R16
-
power
Ground for USB PLL
VSS_RTCCORE
L14
-
power
Ground for RTC
VSS_RTCOSC
P18
-
power
Ground for RTC oscillator
Table 4.
Pin description …continued
Symbol
Pin
Power supply
domain
Type
Description
Table 5.
Digital I/O pad types[1]
Parameter
Abbreviation
I/O type
I = input.
O = output.
I/O = bidirectional.
I/O T = bidirectional or high impedance.
Pin detail
BK: pin has a bus keeper function that weakly retains the last level
driven on an I/O pin when it is switched from output to input.
PU: pin has a nominal 50
µA internal pull-up connected.
PD: pin has a nominal 50
µA internal pull-down connected.
P: pin has programmable input characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com