Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 25Page - NXP Semiconductors LPC3230 Datasheet HTML 26Page - NXP Semiconductors LPC3230 Datasheet HTML 27Page - NXP Semiconductors LPC3230 Datasheet HTML 28Page - NXP Semiconductors LPC3230 Datasheet HTML 29Page - NXP Semiconductors LPC3230 Datasheet HTML 30Page - NXP Semiconductors LPC3230 Datasheet HTML 31Page - NXP Semiconductors LPC3230 Datasheet HTML 32Page - NXP Semiconductors LPC3230 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
29 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
condition is indicated via status registers. An interrupt is also generated if enabled. The
DMA controller when enabled transfers data between the endpoint buffer and the USB
RAM.
Features
• Fully compliant with USB 2.0 full-speed specification.
• Supports 32 physical (16 logical) endpoints.
• Supports control, bulk, interrupt and isochronous endpoints.
• Scalable realization of endpoints at run time.
• Endpoint maximum packet size selection (up to USB maximum specification) by
software at run time.
• RAM message buffer size based on endpoint realization and maximum packet size.
• Supports bus-powered capability with low suspend current.
• Supports DMA transfer on all non-control endpoints.
• One duplex DMA channel serves all endpoints.
• Allows dynamic switching between CPU controlled and DMA modes.
• Double buffer implementation for bulk and isochronous endpoints.
7.6.3.2
USB host controller
The host controller enables data exchange with various USB devices attached to the bus.
It consists of register interface, serial interface engine and DMA controller. The register
interface complies to the
OHCI specification.
Features
• OHCI compliant.
• OHCI specifies the operation and interface of the USB host controller and software
driver.
• The host controller has four USB states visible to the software driver:
– USBOperational: Process lists and generate SOF tokens.
– USBReset: Forces reset signaling on the bus, SOF disabled.
– USBSuspend: Monitor USB for wake-up activity.
– USBResume: Forces resume signaling on the bus.
• HCCA register points to interrupt and isochronous descriptors list.
• ControlHeadED and BulkHeadED registers point to control and bulk descriptors list.
7.6.3.3
USB OTG controller
USB OTG (On-The-Go) is a supplement to the
USB 2.0 specification that augments the
capability of existing mobile devices and USB peripherals by adding host functionality for
connection to USB peripherals.
Features
• Fully compliant with On-The-Go supplement to the USB Specification 2.0 Revision
1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com