Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 30Page - NXP Semiconductors LPC3230 Datasheet HTML 31Page - NXP Semiconductors LPC3230 Datasheet HTML 32Page - NXP Semiconductors LPC3230 Datasheet HTML 33Page - NXP Semiconductors LPC3230 Datasheet HTML 34Page - NXP Semiconductors LPC3230 Datasheet HTML 35Page - NXP Semiconductors LPC3230 Datasheet HTML 36Page - NXP Semiconductors LPC3230 Datasheet HTML 37Page - NXP Semiconductors LPC3230 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
34 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
7.8.1 UARTs
The LPC3220/30/40/50 contains seven UARTs. Four are standard UARTs, and three are
high-speed UARTs.
7.8.1.1
Standard UARTs
The four standard UARTs are compatible with the INS16Cx50. These UARTs support
rates up to 460800 bit/s from a 13 MHz peripheral clock.
Features
• Each standard UART has 64 byte Receive and Transmit FIFOs.
• Receiver FIFO trigger points at 16, 32 , 48 , and 60 Bytes.
• Transmitter FIFO trigger points at 0, 4 , 8, and 16 Bytes.
• Register locations conform to the “550” industry standard.
• Each standard UART has a fractional rate pre-divider and an internal baud rate
generator.
• The standard UARTs support three clocking modes: on, off, and auto-clock. The
auto-clock mode shuts off the clock to the UART when it is idle.
• UART 6 includes an IrDA mode to support infrared communication.
• The standard UARTs are designed to support data rates of (2400, 4800, 9600,
19200, 38400, 57600, 115200, 230400, 460800) bit/s.
• Each UART includes an internal loopback mode.
7.8.1.2
High-speed UARTs
The three high-speed UARTs are designed to support rates up to 921600 bit/s from a
13 MHz peripheral clock for on-board communication in low noise conditions. This is
accomplished by changing the over sampling from 16
× to 14× and altering the rate
generation logic.
Features
• Each high-speed UART has 64 byte Receive and Transmit FIFOs.
• Receiver FIFO trigger points at 1, 4, 8, 16, 32, and 48 Byte.
• Transmitter FIFO trigger points at 0, 4, and 8 Byte.
• Each high-speed UART has an internal baud rate generator.
• The high-speed UARTs are designed to support data rates of (2400, 4800, 9600,
19200, 38400, 57600, 115200, 230400, 460800, 921600) bit/s.
• The three high speed UARTs only support (8N1) 8-bit data word length, 1-stop bit, no
parity, and no flow control as a the communications protocol.
• Each UART includes an internal loopback mode.
7.8.2 SPI serial I/O controller
The LPC3220/30/40/50 has two Serial Peripheral Interfaces (SPI). The SPI is a 3-wire
serial interface that is able to interface with a large range of serial peripheral or memory
devices (SPI mode 0 to 3 compatible slave devices).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com