Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 11Page - NXP Semiconductors LPC3230 Datasheet HTML 12Page - NXP Semiconductors LPC3230 Datasheet HTML 13Page - NXP Semiconductors LPC3230 Datasheet HTML 14Page - NXP Semiconductors LPC3230 Datasheet HTML 15Page - NXP Semiconductors LPC3230 Datasheet HTML 16Page - NXP Semiconductors LPC3230 Datasheet HTML 17Page - NXP Semiconductors LPC3230 Datasheet HTML 18Page - NXP Semiconductors LPC3230 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
15 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
JTAG_NTRST
H17
VDD_IOD
I: PU
JTAG1 reset input
JTAG_RTCK
H18
VDD_IOD
O
JTAG1 return clock out
JTAG_TCK
H14
VDD_IOD
I
JTAG1 clock input
JTAG_TDI
J16
VDD_IOD
I: PU
JTAG1 data input
JTAG_TDO
J15
VDD_IOD
O
JTAG1 data out
JTAG_TMS
G18
VDD_IOD
I: PU
TAG1 test mode select input
KEY_COL0/
ENET_TX_CLK
F15
VDD_IOD
I
Keyscan column 0 input
I
Ethernet transmit clock
KEY_COL1/
ENET_RX_CLK/
ENET_REF_CLK
E16
VDD_IOD
I
Keyscan column 1 input,
I
Ethernet receive clock (MII mode)
I
Ethernet reference clock (RMII mode)
KEY_COL2/
ENET_RX_ER
D17
VDD_IOD
I
Keyscan column 2 input
I
Ethernet receive error input
KEY_COL3/
ENET_CRS
D18
VDD_IOD
I
Keyscan column 3 input
I
Ethernet carrier sense input
KEY_COL4/
ENET_RXD0
G15
VDD_IOD
I
Keyscan column 4 input
I
Ethernet receive data 0
KEY_COL5/
ENET_RXD1
F16
VDD_IOD
I
Keyscan column 5 input
I
Ethernet receive data 1
KEY_ROW0/
ENET_TX_ER
E15
VDD_IOD
I/O T
Keyscan row 0 out
I/O T
Ethernet transmit error
KEY_ROW1/
ENET_TXD2
E14
VDD_IOD
I/O T
Keyscan row 1 out
I/O T
Ethernet transmit data 2
KEY_ROW2/
ENET_TXD3
F14
VDD_IOD
I/O T
Keyscan row 2 out
I/O T
Ethernet transmit data 3
KEY_ROW3/
ENET_TX_EN
D16
VDD_IOD
I/O T
Keyscan row 3 out
I/O T
Ethernet transmit enable
KEY_ROW4/
ENET_TXD0
C17
VDD_IOD
I/O T
Keyscan row 4 out
I/O T
Ethernet transmit data 0
KEY_ROW5/
ENET_TXD1
C18
VDD_IOD
I/O T
Keyscan row 5 out
I/O T
Ethernet transmit data 1
MS_BS/MAT2[1]
A6
VDD_IOD
I/O: P
MS/SD card command out
O
Timer 2 match output 1
MS_DIO0/MAT0[0]
A8
VDD_IOD
I/O: P
MS/SD card data 0
O
Timer 0 match output 0
MS_DIO1/
MAT0[1]
A7
VDD_IOD
I/O: P
MS/SD card data 1
O
Timer 0 match output 1
MS_DIO2/
MAT0[2]
B8
VDD_IOD
I/O: P
MS/SD card data 2
O
Timer 0 match output 2
Table 4.
Pin description …continued
Symbol
Pin
Power supply
domain
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com