Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 34Page - NXP Semiconductors LPC3230 Datasheet HTML 35Page - NXP Semiconductors LPC3230 Datasheet HTML 36Page - NXP Semiconductors LPC3230 Datasheet HTML 37Page - NXP Semiconductors LPC3230 Datasheet HTML 38Page - NXP Semiconductors LPC3230 Datasheet HTML 39Page - NXP Semiconductors LPC3230 Datasheet HTML 40Page - NXP Semiconductors LPC3230 Datasheet HTML 41Page - NXP Semiconductors LPC3230 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
38 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
7.9.2 Keyboard scanner
The keyboard scanner function can automatically scan a keyboard of up to 64 keys in an
8
× 8 matrix. In operation, the keyboard scanner’s internal state machine will normally be
in an idle state, with all KEY_ROWn pins set high, waiting for a change in the column
inputs to indicate that one or more keys have been pressed.
When a keypress is detected, the matrix is scanned by setting one output pin high at a
time and reading the column inputs. After de-bouncing, the keypad state is stored and an
interrupt is generated. The keypad is then continuously scanned waiting for ‘extra key
pressed’ or ‘key released’. Any new keypad state is scanned and stored into the matrix
registers followed by a new interrupt request to the interrupt controller. It is possible to
detect and separate up to 64 multiple keys pressed.
7.9.2.1
Features
• Supports up to 64 keys in 8
× 8 matrix.
• Programmable de-bounce period.
• A key press can wake up the CPU from Stop mode.
7.9.3 Touch screen controller and 10-bit ADC
The LPC3220/30/40/50 microcontrollers includes Touch Screen Controller (TSC)
hardware, which automatically measures and determines the X and Y coordinates where
a touch screen is pressed. In addition, the TSC can measure an analog input signal on the
AUX_IN pin.
Optionally, the TSC can operate as an Analog-to-Digital Converter (ADC). The ADC
supports three channels and uses 10-bit successive approximation to produce results
with a resolution of 10 bits in 11 clock cycles.
The analog portion of the ADC has its own power supply to enhance the low noise
characteristics of the converter. This voltage is only supplied internally when the core has
voltage. However, the ADC block is not affected by any difference in ramp-up time for
VDD_AD and VDD_CORE voltage supplies.
7.9.3.1
Features
• Measurement range of 0 V to VDD_AD (nominally 3.3 V).
• Low noise ADC.
• 10-bit resolution.
• Three input channels.
• Uses 32 kHz RTC clock or peripheral clock.
7.9.4 Real-Time Clock (RTC) and battery RAM
The RTC runs at 32768 Hz using a very low power oscillator. The RTC counts seconds
and can generate alarm interrupts that can wake up the device from Stop mode. The RTC
clock can also clock the 397x PLL, the Millisecond Timer, the ADC, the Keyboard Scanner
and the PWMs. The RTC up-counter value represents a number of seconds elapsed since
second 0, which is an application determined time. The RTC counter will reach maximum
value after about 136 years. The RTC down-counter is initiated with all ones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com