Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 10Page - NXP Semiconductors LPC3230 Datasheet HTML 11Page - NXP Semiconductors LPC3230 Datasheet HTML 12Page - NXP Semiconductors LPC3230 Datasheet HTML 13Page - NXP Semiconductors LPC3230 Datasheet HTML 14Page - NXP Semiconductors LPC3230 Datasheet HTML 15Page - NXP Semiconductors LPC3230 Datasheet HTML 16Page - NXP Semiconductors LPC3230 Datasheet HTML 17Page - NXP Semiconductors LPC3230 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
14 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
GPO_12/
MCOA2/
LCDLE
B12
VDD_IOD
O
General purpose output 12
O
Motor control PWM channel 2, output A
O
LCD line end signal
GPO_13/
MCOB1/
LCDDCLK
B13
VDD_IOD
O
General purpose output 13
O
Motor control PWM channel 1, output B
O
LCD clock output
GPO_14
D3
VDD_IOC
O
General purpose output 14
GPO_15/
MCOA1/
LCDFP
A14
VDD_IOD
O
General purpose output 15
O
Motor control PWM channel 1, output A
O
LCD frame/sync pulse
GPO_16/
MCOB0/
LCDENAB/LCDM
D10
VDD_IOD
O
General purpose output 16
O
Motor control PWM channel 0, output B
O
LCD STN AC bias/TFT data enable
GPO_17
N18
VDD_IOA
O
General purpose output 17
GPO_18/
MCOA0/
LCDLP
D11
VDD_IOD
O
General purpose output 18
O
Motor control PWM channel 0, output A
O
LCD line sync/horizontal sync
GPO_19
C2
VDD_IOC
O
General purpose output 19
GPO_20
B2
VDD_IOC
O
General purpose output 20
GPO_21/
U4_TX/
LCDVD[3]
A13
VDD_IOD
O
General purpose output 21
O
UART 4 transmit
O
LCD data bit 3
GPO_22/
U7_HRTS/
LCDVD[14]
E10
VDD_IOD
O
General purpose output 22
O
HS UART 7 RTS out
O
LCD data bit 14
GPO_23/
U2_HRTS/
U3_RTS
M16
VDD_IOA
O
General purpose output 23
O
HS UART 2 RTS out
O
UART 3 RTS out
HIGHCORE/
LCDVD[17]
H16
VDD_IOD
O
Core voltage control out
O
LCD data bit 17
I2C1_SCL
A5
VDD_IOB
I/O T
I2C1 serial clock input/output
I2C1_SDA
B6
VDD_IOB
I/O T
I2C1 serial data input/output
I2C2_SCL
A3
VDD_IOC
I/O T
I2C2 serial clock input/output
I2C2_SDA
E4
VDD_IOC
I/O T
I2C2 serial data input/output
I2S1TX_CLK/
MAT3[0]
A4
VDD_IOB
I/O
I2S1 transmit clock
O
Timer 3 match output 0
I2S1TX_SDA/
MAT3[1]
E7
VDD_IOB
I/O
I2S1 transmit data
O
Timer 3 match output 1
I2S1TX_WS/
CAP3[0]
B4
VDD_IOB
I/O
I2S1 transmit word select
I/O
Timer 3 capture input 0
Table 4.
Pin description …continued
Symbol
Pin
Power supply
domain
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com