Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 55Page - NXP Semiconductors LPC3230 Datasheet HTML 56Page - NXP Semiconductors LPC3230 Datasheet HTML 57Page - NXP Semiconductors LPC3230 Datasheet HTML 58Page - NXP Semiconductors LPC3230 Datasheet HTML 59Page - NXP Semiconductors LPC3230 Datasheet HTML 60Page - NXP Semiconductors LPC3230 Datasheet HTML 61Page - NXP Semiconductors LPC3230 Datasheet HTML 62Page - NXP Semiconductors LPC3230 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
59 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
11.8 MLC NAND flash memory controller
[1]
THCLK = 1/HCLK
[2]
CEAD = bitfield TCEA_DELAY[1:0] in register MLC_TIME_REG[25:24]
[3]
WL = bitfield WR_LOW[3:0] in register MLC_TIME_REG[3:0]
[4]
WH = bitfield WR_HIGH[3:0] in register MLC_TIME_REG[7:4]
[5]
RL = bitfield RD_LOW[3:0] in register MLC_TIME_REG[11:8]
[6]
RH = bitfield RD_HIGH [3:0] in register MLC_TIME_REG[15:12]
[7]
RHZ = bitfield NAND_TA[2:0] in register MLC_TIME_REG[18:16]
[8]
BD = bitfield BUSY_DELAY[4:0] in register MLC_TIME_REG[23:19]
Table 16.
Dynamic characteristics of the MLC NAND flash memory controller
Tamb = −40 °C to +85 °C.
Symbol
Parameter
Min
Typ
Max
Unit
tCELREL
CE LOW to RE LOW time
[1][2]
-THCLK × CEAD
-ns
tRC
RE cycle time
[1][5][6]
-THCLK × (RL + 1) + THCLK × (RH − RL)-
ns
tREH
RE HIGH hold time
[1][5][6]
-THCLK × (RH − RL)-
ns
tRHZ
RE HIGH to output high-impedance time [1][5][7]
-THCLK × (RH − RL) + THCLK × RHZ
-ns
tRP
RE pulse width
[1][5]
-THCLK × (RL + 1)
-
ns
tREHRBL
RE HIGH to R/B LOW time
[1][8]
-THCLK × BD
-ns
tWB
WE HIGH to R/B LOW time
[1][8]
-THCLK × BD
-ns
tWC
WE cycle time
[1][3][4]
-THCLK × (WL + 1) + THCLK × (WH − WL)-
ns
tWH
WE HIGH hold time
[1][3][4]
-THCLK × (WH − WL)-
ns
tWP
WE pulse width
[1][3]
-THCLK × (WL + 1)
-
ns
Fig 15.
MLC NAND flash controller write timing (writing to NAND flash)
tWB
FLASH_IO[7:0]
FLASH_WR
tWP
tWC
FLASH_RDY (R/B)
FLASH_CE
D0
D1
Dn
10h
tWH
002aae442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com