Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 12Page - NXP Semiconductors LPC3230 Datasheet HTML 13Page - NXP Semiconductors LPC3230 Datasheet HTML 14Page - NXP Semiconductors LPC3230 Datasheet HTML 15Page - NXP Semiconductors LPC3230 Datasheet HTML 16Page - NXP Semiconductors LPC3230 Datasheet HTML 17Page - NXP Semiconductors LPC3230 Datasheet HTML 18Page - NXP Semiconductors LPC3230 Datasheet HTML 19Page - NXP Semiconductors LPC3230 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
16 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
MS_DIO3/
MAT0[3]
C8
VDD_IOD
I/O: P
MS/SD card data 3
O
Timer 0 match output 3
MS_SCLK/
MAT2[0]
B7
VDD_IOD
I/O
MS/SD card clock output
O
Timer 2 match output 0
n.c.
B17,
U17,
U2
-
-
not connected
ONSW
M15
VDD_RTC
O
RTC match output for external power control
P0[0]/
I2S1RX_CLK
B5
VDD_IOB
I/O
Port 0 GPIO bit 0
I/O
I2S1 receive clock
P0[1]/
I2S1RX_WS
D7
VDD_IOB
I/O
Port 0 GPIO bit 1
I/O
I2S1 receive word select
P0[2]/
I2S0RX_SDA/
LCDVD[4]
M17
VDD_IOA
I/O
Port 0 GPIO bit 2
I/O
I2S0 receive data
I/O
LCD data bit 4
P0[3]/
I2S0RX_CLK/
LCDVD[5]
M18
VDD_IOA
I/O
Port 0 GPIO bit 3
I/O
I2S0 receive clock
I/O
LCD data bit 5
P0[4]/
I2S0RX_WS/
LCDVD[6]
L15
VDD_IOA
I/O
Port 0 GPIO bit 4
I/O
I2S0 receive word select
I/O
LCD data bit 6
P0[5]/
I2S0TX_SDA/
LCDVD[7]
L16
VDD_IOA
I/O
Port 0 GPIO bit 5
I/O
I2S0 transmit data
I/O
LCD data bit 7
P0[6]/
I2S0TX_CLK/
LCDVD[12]
L17
VDD_IOA
I/O
Port 0 GPIO bit 6
I/O
I2S0 transmit clock
I/O
LCD data bit 12
P0[7]/
I2S0TX_WS/
LCDVD[13]
L18
VDD_IOA
I/O
Port 0 GPIO bit 7
I/O
I2S0 transmit word select
I/O
LCD data bit 13
PLL397_LOOP
R14
VDD_AD
analog filter
PLL397 loop filter
(for external components)
PWM_OUT1/
LCDVD[16]
D14
VDD_IOD
O
PWM1 out
O
LCD data bit 16
PWM_OUT2/INTSTAT/
LCDVD[19]
D15
VDD_IOD
O
PWM2 output/internal interrupt status[1]
O
LCD data bit 19
RESET
M14
VDD_RTC
I
Reset input, active LOW
RESOUT
G4
VDD_IOC
O
Reset out. Reflects external and WDT reset
RTCX_IN
P16
VDD_RTC
analog in
RTC oscillator input
RTCX_OUT
P17
VDD_RTC
analog out
RTC oscillator output
Table 4.
Pin description …continued
Symbol
Pin
Power supply
domain
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com