Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 19Page - NXP Semiconductors LPC3230 Datasheet HTML 20Page - NXP Semiconductors LPC3230 Datasheet HTML 21Page - NXP Semiconductors LPC3230 Datasheet HTML 22Page - NXP Semiconductors LPC3230 Datasheet HTML 23Page - NXP Semiconductors LPC3230 Datasheet HTML 24Page - NXP Semiconductors LPC3230 Datasheet HTML 25Page - NXP Semiconductors LPC3230 Datasheet HTML 26Page - NXP Semiconductors LPC3230 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
23 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
7.2.1 APB
Many peripheral functions are accessed by on-chip APBs that are attached to the higher
speed AHB. The APB performs reads and writes to peripheral registers in three peripheral
clocks.
7.2.2 FAB
Some peripherals are placed on a special bus called FAB that allows faster CPU access
to those peripheral functions. A write access to FAB peripherals takes a single AHB clock
and a read access to FAB peripherals takes two AHB clocks.
7.3 Physical memory map
The physical memory map incorporates several distinct regions, as shown in Figure 3.
When an application is running, the CPU interrupt vectors are re-mapped to allow them to
reside in on-chip SRAM (IRAM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com