Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 17Page - NXP Semiconductors LPC3230 Datasheet HTML 18Page - NXP Semiconductors LPC3230 Datasheet HTML 19Page - NXP Semiconductors LPC3230 Datasheet HTML 20Page - NXP Semiconductors LPC3230 Datasheet HTML 21Page - NXP Semiconductors LPC3230 Datasheet HTML 22Page - NXP Semiconductors LPC3230 Datasheet HTML 23Page - NXP Semiconductors LPC3230 Datasheet HTML 24Page - NXP Semiconductors LPC3230 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
21 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
7.
Functional description
7.1 CPU and subsystems
7.1.1 CPU
NXP created the LPC3220/30/40/50 using an ARM926EJ-S CPU core that includes a
Harvard architecture and a 5-stage pipeline. To this ARM core, NXP implemented a 32 kB
instruction cache, a 32 kB data cache and a Vector Floating Point coprocessor. The
ARM926EJ-S core also has an integral Memory Management Unit (MMU) to provide the
virtual memory capabilities required to support the multi-programming demands of
modern operating systems. The basic ARM926EJ-S core V5TE instruction set includes
DSP instruction extensions for native Jazelle Java Byte-code execution in hardware. The
LPC3220/30/40/50 operates at CPU frequencies up to 266 MHz.
7.1.2 Vector Floating Point (VFP) coprocessor
The LPC3220/30/40/50 includes a VFP co-processor providing full support for
single-precision and double-precision add, subtract, multiply, divide, and
multiply-accumulate operations at CPU clock speeds. It is compliant with the IEEE 754
standard for binary Floating-Point Arithmetic. This hardware floating point capability
makes the microcontroller suitable for advanced motor control and DSP applications. The
VFP has 3 separate pipelines for Floating-point MAC operations, divide or square root
operations, and Load/Store operations. These pipelines operate in parallel and can
complete execution out of order. All single-precision instructions execute in one cycle,
except the divide and square root instructions. All double-precision multiply and
multiply-accumulate instructions take two cycles. The VFP also provides format
conversions between floating-point and integer word formats.
7.1.3 Emulation and debugging
The LPC3220/30/40/50 supports emulation and debugging via a dedicated JTAG serial
port. An Embedded Trace Buffer allows tracing program execution. The dedicated JTAG
port allows debugging of all chip features without impact to any pins that may be used in
the application.
7.1.3.1
Embedded ICE
Standard ARM EmbeddedICE logic provides on-chip debug support. The debugging of
the target system requires a host computer running the debugger software and an
Embedded ICE protocol converter. The Embedded ICE protocol converter converts the
Remote Debug Protocol commands to the JTAG data needed to access the ARM core.
The ARM core has a Debug Communication Channel (DCC) function built-in. The debug
communication channel allows a program running on the target to communicate with the
host debugger or another separate host without stopping the program flow or entering the
debug state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com