Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 56Page - NXP Semiconductors LPC3230 Datasheet HTML 57Page - NXP Semiconductors LPC3230 Datasheet HTML 58Page - NXP Semiconductors LPC3230 Datasheet HTML 59Page - NXP Semiconductors LPC3230 Datasheet HTML 60Page - NXP Semiconductors LPC3230 Datasheet HTML 61Page - NXP Semiconductors LPC3230 Datasheet HTML 62Page - NXP Semiconductors LPC3230 Datasheet HTML 63Page - NXP Semiconductors LPC3230 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
60 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
11.9 SLC NAND flash memory controller
Fig 16.
MLC NAND flash controller read timing (reading from NAND flash)
FLASH_IO[7:0]
tRP tREH
tRC
FLASH_RD
FLASH_CE
tCELREL
D0
D1
D2
D3
tRHZ
002aae443
Table 17.
Dynamic characteristics of SLC NAND flash memory controller
Tamb = −40 °C to +85 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tALS
ALE set-up time
read
[1][2][4][6]
-THCLK × (Rsu + Rw)
-
ns
write
-
THCLK × (Wsu + Ww)
-
ns
tALH
ALE hold time
read
[1][7]
-THCLK × Rh
-
ns
write
-
THCLK × Wh
-
ns
tAR
ALE to RE delay time
read
[1][2][6]
-THCLK × Rsu
-
ns
write
-
THCLK × Wsu
-
ns
tCEA
CE access time
read
[1][2][4][6][8]
-THCLK × (Rsu + Rw)
-
ns
write
-
THCLK × (Wsu + Ww)
-
ns
tCS
CE set-up time
read
[1][2][4][6][8]
-THCLK × (Rsu + Rw)
-
ns
write
-
THCLK × (Wsu + Ww)
-
ns
tCH
CE hold time
read
[1][3]
-THCLK × Rh
-
ns
write
-
THCLK × Wh
-
ns
tCLS
CLE set-up time
read
[1][2][4][6][8]
-THCLK × (Rsu + Rw)
-
ns
write
-
THCLK × (Wsu + Ww)
-
ns
tCLH
CLE hold time
read
[1][3]
-THCLK × Rh
-
ns
write
-
THCLK × Wh
-
ns
tCLR
CLE to RE delay time
read
[1][2][6]
-THCLK × Rsu
-
ns
write
-
THCLK × Wsu
-
ns
tDH
data hold time
output from
NAND
controller; read
[1][3][7]
-THCLK × Rh
-
ns
output from
NAND
controller;
write
-THCLK × Wh
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com