Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 43Page - NXP Semiconductors LPC3230 Datasheet HTML 44Page - NXP Semiconductors LPC3230 Datasheet HTML 45Page - NXP Semiconductors LPC3230 Datasheet HTML 46Page - NXP Semiconductors LPC3230 Datasheet HTML 47Page - NXP Semiconductors LPC3230 Datasheet HTML 48Page - NXP Semiconductors LPC3230 Datasheet HTML 49Page - NXP Semiconductors LPC3230 Datasheet HTML 50Page - NXP Semiconductors LPC3230 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
47 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[2]
Applies to VDD_CORE pins.
[3]
Applies to pins VDD_RTC, VDD_RTCCORE, and VDD_RTCOSC.
[4]
Applies to pins VDD_COREFXD, VDD_OSC, VDD_PLL397, VDD_PLLHCLK, and VDD_PLLUSB.
[5]
Applies to VDD_EMC for SDR SDRAM and SRAM controllers
[6]
Applies to VDD_EMC, and VDD_IOC domain.
[7]
Applies to VDD_IOA, VDD_IOB, VDD_IOD voltage domains. Voltage domains VDD_IOA, VDD_IOB, VDD_IOD must operate at the
same voltage; VDD_IOA = VDD_IOB = VDD_IOD.
[8]
Referenced to the applicable VDD for the pin.
[9]
Including voltage on outputs in 3-state mode.
[10] The applicable VDD voltage for the pin must be present.
[11] 3-state outputs go into 3-state mode when VDD(3V0) is grounded.
[12] Accounts for 100 mV voltage drop in all supply lines.
[13] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
10.1 Power supply sequencing
The LPC32x0 has no power sequencing requirements, that is, VDD(1V2),VDD(EMC),VDD(IO),
and VDDA(3V3) can be switched on or off independent of each other. An internal circuit
takes care that the system correctly powers up in the absence of core power. During IO
power-up this circuit takes care that the system is powered in a defined mode. The same
is valid for core power-down.
VI
input voltage
[8]
[10]
0
-
1.95
V
VIH
HIGH-level input voltage 1.2 V inputs
0.7
× V
DD(1V2)
--
V
VIL
LOW-level input voltage
1.2 V inputs
-
-
0.7
× V
DD(1V2)
V
IIL
LOW-level input current
VI = 0 V; no pull-up
-
-
1
µA
IIH
HIGH-level input current VI = VDD; no pull-down
[8] --
1
µA
IOZ
OFF-state output
current
VO = 0 V; VO =VDD;
no pull-up/down
[8] --
1
µA
Ilatch
I/O latch-up current
−(1.5V
DD) < VI < (1.5VDD)
[8] -
-
100
mA
Table 7.
Static characteristics …continued
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com