Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC3230 Datasheet HTML 1Page - NXP Semiconductors LPC3230 Datasheet HTML 2Page - NXP Semiconductors LPC3230 Datasheet HTML 3Page - NXP Semiconductors LPC3230 Datasheet HTML 4Page - NXP Semiconductors LPC3230 Datasheet HTML 5Page - NXP Semiconductors LPC3230 Datasheet HTML 6Page - NXP Semiconductors LPC3230 Datasheet HTML 7Page - NXP Semiconductors LPC3230 Datasheet HTML 8Page - NXP Semiconductors LPC3230 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
3 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
N WatchDog timer clocked by the peripheral clock.
N Two single-output PWM blocks.
N Motor control PWM
N Keyboard scanner function allows automatic scanning of an up to 8 × 8 key matrix.
N Up to 18 external interrupts.
I Standard ARM test/debug interface for compatibility with existing tools.
I Emulation Trace Buffer (ETB) with 2048 × 24 bit RAM allows trace via JTAG.
I Stop mode saves power while allowing many peripheral functions to restart CPU
activity.
I On-chip crystal oscillator.
I An on-chip PLL allows CPU operation up to the maximum CPU rate without the
requirement for a high frequency crystal. Another PLL allows operation from the
32 kHz RTC clock rather than the external crystal.
I Boundary scan for simplified board testing.
I 296 pin TFBGA package with a 15 × 15 × 0.7 mm body.
3.
Applications
I Consumer
I Medical
I Industrial
I Network control
4.
Ordering information
[1]
F =
−40 °C to +85 °C temperature range.
4.1 Ordering options
Table 1.
Ordering information
Type number[1]
Package
Name
Description
Version
LPC3220FET296
TFBGA296
plastic thin fine-pitch ball grid array package; 296 balls SOT1048-1
LPC3230FET296
TFBGA296
plastic thin fine-pitch ball grid array package; 296 balls SOT1048-1
LPC3240FET296
TFBGA296
plastic thin fine-pitch ball grid array package; 296 balls SOT1048-1
LPC3250FET296
TFBGA296
plastic thin fine-pitch ball grid array package; 296 balls SOT1048-1
Table 2.
Part options
Type number
SRAM (kB)
10/100 Ethernet
LCD controller Temperature range (
°C)
Package
LPC3220FET296
128
0
0
−40 to +85
TFBGA296
LPC3230FET296
256
0
1
−40 to +85
TFBGA296
LPC3240FET296
256
1
0
−40 to +85
TFBGA296
LPC3250FET296
256
1
1
−40 to +85
TFBGA296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com