Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
l
Test/Debug
TEST
—
ALT0
ALT1
ALT2
ALT3
TEST
—
—
—
—
—
—
I
—
—
—
VDD_IO
2. This pin is an input only.
This pin cannot be configured.
4. This test pin must be tied to
VSS.
D14
NOTES:
1 Pins controlled by the STD_PU_ST register have a Schmitt trigger input; pins controlled by the STD_PU register do not. Pins controlled by the
IO_CONTROL_MEM register access their alternate function ALT3 by setting the IO_CONTROL_MEM[16BIT] bit. This setting applies to all pins controlled by
IO_CONTROL_MEM. Pins not controlled by these registers are indicated with a “—”.
2 Offset from IOCONTROL_BASE (default is 0xFF40_A000).
3 Except where noted in the Notes column, ALT0 is the primary (default) function for each pin after reset.
4 Alternate functions are chosen by setting the values of the STD_PU[FUNCMUX] bitfields inside the I/O Control module.
– STD_PU[FUNCMUX] = 00
→ ALT0 (default)
– STD_PU[FUNCMUX] = 01
→ ALT1
– STD_PU[FUNCMUX] = 10
→ ALT2
– STD_PU[FUNCMUX] = 11
→ ALT3
For selecting alternate functions, the STD_PU and STD_PU_ST registers function the same. When no function is available on a pin’s given ALTn function (value
of STD_PU[FUNCMUX] ), it is shown as “—”.
5 Module included on the MCU.
Table 2. MPC5125 Pin Multiplexing (continued)
Pin
Pad I/O
Control
Register1
and Offset2
Alternate
Function3
Functions4
Peripheral5
I/O
Direction
Power Domain
Notes
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com