Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
Electrical and Thermal Characteristics
Freescale Semiconductor
38
Input high voltage
Input type = TTL
VDD_IO_MEM_DDR2
VIH
MVREF + 0.125
—
V
D3.3
Input high voltage
Input type = TTL
VDD_IO_MEM_LPDDR
VIH
0.7
× V
DD_IO_
MEM_LPDDR
—V
D3.4
Input high voltage
Input type = TTL
VDD_IO_MEM_SDR
VIH
0.7
× V
DD_IO_
MEM_SDR
—V
D3.33
Input high voltage
Input type = Schmitt VDD_IO
VIH
0.65
× V
DD_IO
—V
D3.5
Input high voltage
SYS_XTALI crystal mode1
bypass mode2
CVIH
Vxtal + 0.4
(VDD_IO / 2) + 0.4
—V
D3.6
Input high voltage
RTC_XTALI crystal mode3
bypass mode4
RVIH
(VBAT / 5) + 0.5
(VBAT / 2) + 0.4
—V
D3.7
Input low voltage
Input type = TTL VDD_IO
VIL
—0.42
× V
DD_IO
VD3.8
Input low voltage
Input type = TTL
VDD_IO_MEM_DDR
VIL
—
MVREF – 0.15
V
D3.9
Input low voltage
Input type = TTL
VDD_IO_MEM_DDR2
VIL
—
MVREF – 0.125
V
D3.10
Input low voltage
Input type = TTL
VDD_IO_MEM_LPDDR
VIL
—
0.3
× V
DD_IO_
MEM_LPDDR
V
D3.11
Input low voltage
Input type = TTL
VDD_IO_MEM_SDR
VIL
—
0.3
× V
DD_IO_
MEM_SDR
V
D3.34
Input low voltage
Input type = Schmitt VDD_IO
VIL
—0.35
× V
DD_IO
V
D3.12
Input low voltage
SYS_XTALI crystal mode bypass
mode
CVIL
—
Vxtal – 0.4 ×
(VDD_IO/2) – 0.4
V
D3.13
Input low voltage
RTC_XTALI crystal mode bypass
mode
RVIL
—
(VBAT/5) – 0.5
(VBAT/2) – 0.4
V
D3.14
Input leakage current
Vin = 0 or
VDD_IO/VDD_IO_MEM_DDR/2
(depending on input type)5
IIN
−2.5
2.5
µA
D3.15
Input leakage current
SYS_XTAL_IN Vin = 0 or VDD_IO
IIN
—
20
µA
D3.16
Input leakage current
RTC_XTAL_IN Vin = 0 or VDD_IO
IIN
—
1.0
µA
D3.17
Input current, pullup
resistor6
PULLUP VDD_IO Vin = VIL
IINpu
25
150
µA
D3.18
Input current,
pulldown resistor 8
PULLDOWN VDD_IO Vin = VIH
IINpd
25
150
µA
D3.19
Output high voltage
IOH is driver dependent7 VDD_IO
VOH
0.8
× V
DD_IO
—V
D3.20
Output high voltage
IOH is driver dependent7
VDD_IO_MEM_DDR
VOHDDR
1.94
—
V
D3.21
Output high voltage
IOH is driver dependent7
VDD_IO_MEM_DDR2
VOHDDR2
VDD_IO_
MEM – 0.28
—
V
D3.22
Output high voltage
IOH is driver dependent7
VDD_IO_MEM_LPDDR
VOHLPDD
R
VDD_IO_
MEM – 0.28
—V
D3.23
Table 6. DC Electrical Specifications (continued)
Characteristic
Condition
Sym
Min
Max
Unit SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com