Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 3
Freescale Semiconductor
69
Figure 34. TFT LCD Interface Timing Diagram — Horizontal Sync Pulse
Figure 35 depicts the vertical timing (timing of one frame), including the vertical sync pulse and the data. All parameters shown
in the diagram are programmable.
Figure 35. TFT LCD Interface Timing Diagram — Vertical Sync Pulse
Table 35 shows timing parameters of signals.
Table 35. LCD Interface Timing Parameters — Pixel Level
Sym
Description
Value
Unit
SpecID
tPCP
Display Pixel Clock Period
151
ns
A15.1
tPWH
HSYNC Pulse Width
PW_H
× t
PCP
ns
A15.2
tBPH
HSYNC Back Porch Width
BP_H
× t
PCP
ns
A15.3
1
2
3
DELTA_X
tPWH
tBPH
tSW
tFPH
DIU_CLK
DIU_LD[23:0]
DIU_HSYNC
DIU_DE
tPCP
1
Invalid Data
Invalid Data
Start of line
tHSP
1
2
3
DELTA_Y
tPWV
tBPV
tSH
tFPV
DIU_HSYNC
DIU_LD[23:0]
DIU_VSYNC
DIU_DE
tHSP
1
(Line Data)
Start of Frame
Invalid Data
Invalid Data
tVSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com