Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
Electrical and Thermal Characteristics
Freescale Semiconductor
70
The DELTA_X and DELTA_Y parameters are programmed via the DISP_SIZE register; The PW_H, BP_H, and FP_H
parameters are programmed via the HSYN_PARA register; and the PW_V, BP_V, and FP_V parameters are programmed via
the VSYN_PARA register. See appropriate section in the reference manual for detailed descriptions of these parameters.
Figure 36 depicts the synchronous display interface timing for access level, and Table 36 lists the timing parameters.
Figure 36. LCD Interface Timing Diagram — Access Level
tFPH
HSYNC Front Porch Width
FP_H
× t
PCP
ns
A15.4
tSW
Screen Width
DELTA_X
× t
PCP
ns
A15.5
tHSP
HSYNC (Line) Period
(PW_H + BP_H + DELTA_X + FP_H)
× t
PCP
ns
A15.6
tPWV
VSYNC Pulse Width
PW_V
× t
HSP
ns
A15.7
tBPV
VSYNC Back Porch Width
BP_V
× t
HSP
ns
A15.8
tFPV
VSYNC Front Porch Width
FP_V
× t
HSP
ns
A15.9
tSH
Screen Height
DELTA_Y
× t
HSP
ns
A15.10
tVSP
VSYNC (Frame) Period
(PW_V + BP_V + DELTA_Y + FP_H)
× t
HSP
ns
A15.11
NOTES:
1
Display interface pixel clock period immediate value (in nanoseconds).
Table 36. LCD Interface Timing Parameters — Access Level
Parameter
Description
Min
Typ
Max
Unit
SpecID
tCKH
LCD interface pixel clock high time
tPCP × 0.4
tPCP × 0.5
tPCP × 0.6
ns
A15.12
tCKL
LCD interface pixel clock low time
tPCP × 0.4
tPCP × 0.5
tPCP × 0.6
ns
A15.13
tDSU
LCD interface data setup time
5.0
—
—
ns
A15.14
tDHD
LCD interface data hold time
6.0
—
—
ns
A15.15
tCSU
LCD interface control signal setup time
5.0
—
—
ns
A15.16
tCHD
LCD interface control signal hold time
6.0
—
—
ns
A15.17
Table 35. LCD Interface Timing Parameters — Pixel Level
Sym
Description
Value
Unit
SpecID
tCKH
tCKL
tDHD
tDSU
tCSU
DIU_HSYNC
DIU_VSYNC
DIU_DE
DIU_CLK
DIU_LD[23:0]
tCHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com