Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
Electrical and Thermal Characteristics
Freescale Semiconductor
42
NOTE
The maximum power depends on the supply voltage, process corner, junction temperature,
and the concrete application and clock configurations.
4.1.6
Thermal Characteristics
4.1.6.1
Heat Dissipation
An estimation of the chip-junction temperature, TJ, can be obtained from the following equation:
TJ = TA+(RθJA × PD)
Eqn. 3
where:
TA = ambient temperature for the package (ºC)
RθJA = junction to ambient thermal resistance (ºC/W)
PD = power dissipation in package (W)
3 Doze, Nap, and Sleep power are measured with the e300 core in Doze/Nap/Sleep mode; the system
oscillator, system PLL, and core PLL active; and all other system modules inactive.
4 Deep-sleep power is measured with the e300 core in Sleep mode. The system oscillator, system PLL, core
PLL, and other system modules are inactive.
5 PLL power is measured at AV
DD_SPLL = AVDD_CPLL = AVDD_OSC_TMPS = 3.3 V, TJ = 25 °C.
6 Unloaded typical I/O power is measured at V
DD_IO = 3.3 V, VDD_MEM_IO = 1.8 V, TJ = 25 °C.
Table 11. Thermal Resistance Data1
NOTES:
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Rating
Conditions
Sym Value Unit SpecID
Thermal resistance junction-to-ambient natural
convection2
2 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets JEDEC
specification for this package.
Single layer board – 1s
RθJA
35
°C/W
D6.1
Thermal resistance junction-to-ambient natural
convection2
Four layer board – 2s2p
RθJA
25
°C/W
D6.2
Thermal resistance junction-to-moving-air ambient2
@ 200 ft./min., single layer board – 1s RθJMA
29
°C/W
D6.3
Thermal resistance junction-to-moving-air ambient2
@ 200 ft./min., four layer board 2s2p
RθJMA
22
°C/W
D6.4
Thermal resistance junction-to-board3
3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification for
the specified package.
—RθJB
16
°C/W
D6.5
Thermal resistance junction-to-case4
4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is used
for the case temperature. Reported value includes the thermal resistance of the interface layer.
—RθJC
11
°C/W
D6.6
Junction-to-package-top natural convection5
5 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as
Psi-JT.
Natural convection
Ψ
JT
3°C/W
D6.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com