Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
Package Information
MPC5125 Microcontroller Data Sheet, Rev. 3
Freescale Semiconductor
87
6
Package Information
This section details package parameters and dimensions. The MPC5125 is available in a thermally enhanced plastic ball grid
array (TEPBGA). Section 6.1, “Package Parameters,” and Section 6.2, “Mechanical Dimensions,” provide information on the
TEPBGA.
6.1
Package Parameters
Table 50. TEPBGA Parameters
Package outline
23 mm
× 23 mm
Interconnects
324
Pitch
1.00 mm
Module height (typical)
2.25 mm
Solder balls
96.5 Sn/3.5Ag (VN package)
Ball diameter (typical)
0.6 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com