Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 3
Freescale Semiconductor
63
Figure 25. Read Data Latch Timing in Non-Fast Mode
Figure 26. Read Data Latch Timing in Fast Mode
4.3.8
FEC
AC test timing conditions:
•
Output Loading
All Outputs: 25 pF
Table 27. MII Rx Signal Timing
Sym
Description
Min
Max
Unit
SpecID
t1
RXD[3:0], RX_DV, RX_ER to RX_CLK setup
5
—
ns
A11.1
t2
RX_CLK to RXD[3:0], RX_DV, RX_ER hold
5
—
ns
A11.2
t3
RX_CLK pulse width high
35%
65%
RX_CLK period1
NOTES:
1 RX_CLK shall have a frequency of 25% of the data rate of the received signal. See the IEEE 802.3 specification.
A11.3
t4
RX_CLK pulse width low
35%
65%
RX_CLK period1
A11.4
NFC_CE[3:0]
NFC_RE
NFIO[15:0]
tIS
tREH
tCH
data
tRC
tRP
data
NFC_RB
tRR
data
NFC_CE[3:0]
NFC_RE
NFIO[15:0]
tREH
tCH
data
tRC
tRP
data
NFC_RB
tRR
tIS
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com