Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
Electrical and Thermal Characteristics
Freescale Semiconductor
80
4.3.18
IEEE 1149.1 (JTAG)
Figure 45. Timing Diagram — JTAG Clock Input
Table 48. JTAG Timing Specification
Sym
Characteristic
Min
Max
Unit
SpecID
—
TCK frequency of operation
0
25
MHz
A23.1
1
TCK cycle time
40
—
ns
A23.2
2
TCK clock pulse width measured at 1.5 V
1.08
—
ns
A23.3
3
TCK rise and fall times
0
3
ns
A23.4
4TRST setup time to TCK falling edge1
NOTES:
1 TRST is an asynchronous signal. The setup time is for test purposes only.
10
—
ns
A23.5
5TRST assert time
5
—
ns
A23.6
6
Input data setup time2
2 Non-test, other than TDI and TMS, signal input timing with respect to TCK.
5
—
ns
A23.7
7
Input data hold time2
15
—
ns
A23.8
8
TCK to output data valid3
3 Non-test, other than TDO, signal output timing with respect to TCK.
0
30
ns
A23.9
9
TCK to output high impedance3
030
ns
A23.10
10
TMS, TDI data setup time
5
—
ns
A23.11
11
TMS, TDI data hold time
4.5
—
ns
A23.12
12
TCK to TDO data valid
0
15
ns
A23.13
13
TCK to TDO high impedance
0
15
ns
A23.14
TCK
VM
VM
VM
3
3
22
1
VM = Midpoint Voltage
Numbers shown reference JTAG Timing Specification T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com