Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
Electrical and Thermal Characteristics
Freescale Semiconductor
44
•
The system PLL (SYS_PLL) takes an external reference frequency and generates the internal system clock. The
system clock frequency is determined by the external reference frequency and the settings of the SYS_PLL
configuration.
•
The e300 core PLL (CORE_PLL) generates a master clock for all of the CPU circuitry. The e300 core clock frequency
is determined by the system clock frequency and the settings of the CORE_PLL configuration.
4.2.1
System Oscillator Electrical Characteristics
The system oscillator can work in oscillator mode or in bypass mode to support an external input clock as clock reference.
Figure 4. Timing Diagram — SYS_XTAL_IN
4.2.2
RTC Oscillator Electrical Characteristics
Table 12. System Oscillator Electrical Characteristics
Characteristic
Sym
Min
Typical
Max
Unit
SpecID
SYS_XTAL frequency
fsys_xtal
15.6
33.3
35.0
MHz
O1.1
Table 13. SYS_XTAL_IN Timing
Sym
Description
Min
Max
Units
SpecID
tCYCLE
SYS_XTALI cycle time1,2
NOTES:
1 The SYS_XTALI frequency and system PLL settings must be chosen such that the resulting system frequencies do not exceed
their respective maximum or minimum operating frequencies. See the MPC5125 Reference Manual (MPC5125RM).
2 The min/max cycle times are calculated using 1/f
sys_xtal (MIN/MAX) where the fsys_xtal (MIN/MAX) (15.6 / 35 MHz) are taken from
Table 12 (system oscillator electrical characteristics).
64.1
28.57
ns
O.1.2
tRISE
SYS_XTALI rise time3
3 Rise time is measured from 20% of VDD to 80% of VDD.
1
4
ns
O.1.3
tFALL
SYS_XTALI fall time4
4 Fall time is measured from 20% of VDD to 80% of VDD.
1
4
ns
O.1.4
tDUTY
SYS_XTALI duty cycle (measured at VM)
5
5 SYS_XTALI duty cycle is measured at V
M.
40
60
%
O.1.5
Table 14. RTC Oscillator Electrical Characteristics
Characteristic
Sym
Min
Typical
Max
Unit
SpecID
RTC_XTAL frequency
frtc_xtal
—
32.768
—
kHz
O2.1
tFALL
tRISE
tCYCLE
SYS_XTAL_I CLK
tDUTY
tDUTY
CVIH
CVIL
VM
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com