Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
Electrical and Thermal Characteristics
Freescale Semiconductor
36
4
Electrical and Thermal Characteristics
4.1
DC Electrical Characteristics
4.1.1
Absolute Maximum Ratings
The tables in this section describe the MPC5125 DC electrical characteristics. Table 4 gives the absolute maximum ratings.
4.1.2
Recommended Operating Conditions
Table 5 gives the recommended operating conditions.
Table 4. Absolute Maximum Ratings1
NOTES:
1 Absolute maximum ratings are stress ratings only, and functional operation at the maximums is not guaranteed. Stresses
beyond those listed may affect device reliability or cause permanent damage.
Characteristic
Sym
Min
Max
Unit
SpecID
Supply voltage — e300 core and peripheral logic
VDD
−0.3
1.47
V
D1.1
Supply voltage — I/O buffers
VDD_IO, VDD_IO_MEM
−0.3
3.6
V
D1.2
Input reference voltage (DDR/DDR2)
MVREF
−0.3
3.6
V
D1.15
Termination Voltage (DDR2)
MVTT
−0.3
3.6
V
D1.16
Supply voltage — system APLL
AVDD_SPLL
−0.3
3.6
V
D1.3
Supply voltage — system oscillator and
temperature sensor
AVDD_OSC_TMPS
−0.3
3.6
V
D1.4
Supply voltage — e300 APLL
AVDD_CPLL
–0.3
3.6
V
D1.5
Supply voltage — RTC (hibernation)
VBAT
−0.3
3.6
V
D1.6
Supply voltage — FUSE programming
AVDD_FUSEWR
−0.3
3.6
V
D1.7
Input voltage (VDD_IO)Vin
−0.3
VDD_IO + 0.3
V
D1.9
Input voltage (VDD_IO_MEM)Vin
−0.3
VDD_IO_MEM + 0.3
V
D1.10
Input voltage (VBAT)Vin
−0.3
VBAT + 0.3
V
D1.11
Input voltage overshoot
Vinos
—
1
V
D1.12
Input voltage undershoot
Vinus
—
1
V
D1.13
Storage temperature range
Tstg
−55
150
oC
D1.14
Table 5. Recommended Operating Conditions
Characteristic
Sym
Min1
Typ
Max1
Unit
SpecID
Supply voltage — e300 core and
peripheral logic
VDD
1.33
1.4
1.47
V
D2.1
State retention voltage — e300 core
and peripheral logic 2
1.08
——
VD2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com