Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 3
Freescale Semiconductor
65
Figure 28. Ethernet Timing Diagram — MII Tx Signal
Figure 29. Ethernet Timing Diagram — MII Async
Table 31. MII Async Signal Timing
Sym
Description
Min
Max
Unit
SpecID
t17
CRS, COL minimum pulse width
1.5
—
TX_CLK Period
A11.17
Table 32. MII Serial Management Channel Signal Timing
Sym
Description
Min
Max
Unit
SpecID
t18
MDC falling edge to MDIO output delay
0
25
ns
A11.18
t19
MDIO (input) to MDC rising edge setup
10
—
ns
A11.19
t20
MDIO (input) to MDC rising edge hold
0
—
ns
A11.20
t21
MDC pulse width high1
NOTES:
1 MDC is generated by the MPC5125 with a duty cycle of 50% except when MII_SPEED in the FEC MII_SPEED control register
is changed during operation. See the MPC5125 Reference Manual (MPC5125RM).
160
—
ns
A11.21
t22
MDC pulse width low1
160
—
ns
A11.22
t23
MDC period2
2 The MDC period must be set to a value of less than or equal to 2.5 MHz (to be compliant with the IEEE MII characteristic) by
programming the FEC MII_SPEED control register. See the MPC5125 Reference Manual (MPC5125RM).
400
—
ns
A11.23
t12, t16
t11, t15
t9, t13
TX_CLK (Input)
TXD[3:0] (Outputs)
TX_EN
TX_ER
t10, t14
t17
CRS, COL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com