Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
Electrical and Thermal Characteristics
Freescale Semiconductor
68
4.3.11
DIU
The DIU is a display controller designed to manage the TFT LCD display.
4.3.11.1
Interface to TFT LCD Panels, Functional Description
Figure 33 depicts the LCD interface timing for a generic active matrix color TFT panel. In this figure signals are shown with
positive polarity. The sequence of events for active matrix interface timing is:
•
DIU_CLK latches data into the panel on its positive edge (when positive polarity is selected). In active mode,
DIU_CLK runs continuously. This signal frequency could be from 5 to 66 MHz depending on the panel type.
•
DIU_HSYNC causes the panel to start a new line. It always encompasses at least one DIU_CLK pulse.
•
DIU_VSYNC causes the panel to start a new frame. It always encompasses at least one DIU_HSYNC pulse.
•
DIU_DE acts like an output enable signal to the LCD panel. This output enables the data to be shifted onto the display.
When disabled, the data is invalid and the trace is off.
Figure 33. Interface Timing Diagram for TFT LCD Panels
4.3.11.2
Interface to TFT LCD Panels, Electrical Characteristics
Figure 34 depicts the horizontal timing (timing of one line), including the horizontal sync pulse and the data. All parameters
shown in the diagram are programmable. This timing diagram corresponds to positive polarity of the DIU_CLK signal
(meaning the data and sync signals change at its rising edge) and active-high polarity of the DIU_HSYNC, DIU_VSYNC, and
DIU_DE signal. Signal polarity of DIU_HSYNC and DIU_VSYNC are selectable via the SYN_POL register, whether
active-high or active-low. The default is active-high. The DIU_DE signal is always active-high. Also, pixel clock inversion and
a flexible programmable pixel clock delay are also supported, programmed via the DIU Clock Config register (DCCR) in the
system clock module.
NOTES:
1 In low speed mode, card clock must be lower than 400 kHz, voltage ranges from 2.7 to 3.6 V.
2 In normal data transfer mode for SD/SDIO card, clock frequency can be any value between 0–25 MHz.
3 In normal data transfer mode for MMC card, clock frequency can be any value between 0–20 MHz.
4 In card identification mode, card clock must be 100 kHz ~ 400 kHz, voltage ranges from 2.7 to 3.6 V.
5 Suggested Clock Period = T, CLK_DIVIDER (in SDHC Clock Rate register) = D, then TH = [(D + 1)/2] / (D + 1)
× T where [] is
round.
DIU_LD[23:0]
DIU_CLK
DIU_DE
DIU_HSYNC
DIU_HSYNC
DIU_VSYNC
LINE 1
LINE 2
LINE 3
LINE 4
LINE n-1
LINE n
12
3
m-1
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com