Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 3
Freescale Semiconductor
37
4.1.3
DC Electrical Specifications
Table 6 gives the DC electrical characteristics for the MPC5125 at recommended operating conditions.
Supply voltage — standard I/O buffers
VDD_IO
3.0
3.3
3.6
V
D2.3
Supply voltage — memory I/O buffers
(DDR)
VDD_IO_MEM_DDR
2.3
2.5
2.7
V
D2.4
Supply voltage — memory I/O buffers
(DDR2, LPDDR, Mobile SDR)
VDD_IO_MEM_DDR2
VDD_IO_MEM_LPDDR
1.7
1.8
1.9
V
D2.5
Supply voltage — memory I/O buffers
(SDR)
VDD_IO_MEM_SDR
3.0
3.3
3.6
V
D2.19
Input reference voltage (DDR/DDR2)
MVREF
0.49 ×
VDD_IO_MEM
0.50
×
VDD_IO_MEM
0.51
×
VDD_IO_MEM
VD2.6
Termination voltage (DDR2)
MVTT
MVREF – 0.04
MVREF
MVREF + 0.04
VD2.7
Supply voltage — system APLL
AVDD_SPLL
3.0
3.3
3.6
V
D2.8
Supply voltage — system oscillator
and temperature sensor
AVDD_OSC_TMPS
3.0
3.3
3.6
V
D2.9
Supply voltage — e300 APLL
AVDD_CPLL
3.0
3.3
3.6
V
D2.10
Supply voltage — RTC (hibernation)
VBAT
3
3.0
3.3
3.6
V
D2.11
Supply voltage — FUSE programming
AVDD_FUSEWR
3.0
3.3
3.6
V
D2.12
Input voltage — standard I/O buffers
Vin
0—
VDD_IO
V
D2.14
Input voltage — memory I/O buffers
(DDR)
Vin_DDR
0
—
VDD_IO_
MEM_DDR
V
D2.15
Input voltage — memory I/O buffers
(DDR2)
Vin_DDR2
0
—
VDD_IO_
MEM_DDR2
V
D2.16
Input voltage — memory I/O buffers
(SDR)
Vin_SDR
0
—
VDD_IO_
MEM_SDR
V
D2.20
Input voltage — memory I/O buffers
(LPDDR)
Vin_LPDDR
0
—
VDD_IO_
MEM_LPDDR
V
D2.18
Ambient operating temperature range
TA
–40
—
+85
oC
D2.17
NOTES:
1 These are recommended and tested operating conditions. Proper device operation outside these conditions is not guaranteed.
2 The State Retention voltage can be applied to VDD after the device is placed in deep-sleep mode.
3 VBAT should not be supplied by a battery of voltage less than 3.0 V.
Table 6. DC Electrical Specifications
Characteristic
Condition
Sym
Min
Max
Unit SpecID
Input high voltage
Input type = TTL VDD_IO
VIH
0.51
× V
DD_IO
—V
D3.1
Input high voltage
Input type = TTL
VDD_IO_MEM_DDR
VIH
MVREF + 0.15
—
V
D3.2
Table 5. Recommended Operating Conditions (continued)
Characteristic
Sym
Min1
Typ
Max1
Unit
SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com