Electronic Components Datasheet Search
  English  ▼

X  

MPC5125 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
Electrical and Thermal Characteristics
Freescale Semiconductor
40
1
4.1.4
Electrostatic Discharge
CAUTION
This device contains circuitry that protects against damage due to high-static voltage or
electrical fields. However, it is advised that normal precautions be taken to avoid
application of any voltages higher than maximum-rated voltages. Operational
reliability is enhanced if unused inputs are tied to an appropriate logic voltage level (GND
or VDD). Table 11 gives package thermal characteristics for this device.
Table 7. General I/O Pads1 — Drive Current, Slew Rate
NOTES:
1 General I/O—rise and fall times at drive load 50 pF.
Pad Type
Supply Voltage
Drive Select/Slew
Rate Control
Rise time
max (ns)
Fall time
max (ns)
Current
Ioh (mA)
Current
Iol (mA)
SpecID
General IO
VDD_IO = 3.3 V
Configuration 3 (11)
1.4
1.6
35
35
D3.41
Configuration 2 (10)
9.8
12
D3.42
Configuration 1 (01)
19
24
D3.43
Configuration 0 (00)
140
183
D3.44
Table 8. DDR I/O Pads1 — Drive Current, Slew Rate
NOTES:
1 DDR—rise and fall times at 50
Ω transmission line impedance terminated to MV
TT (0.5 × VDD_IO_MEM) + 4 pF load.
Pad Type
Supply Voltage
Drive Select/
Slew Rate Control
Rising slew
max (ns)2
2 Rising slew rate measured between 0.5 × V
DD_IO_MEM – 450 mV and 0.5 × VDD_IO_MEM + 50 mV for all modes.
Falling slew
max (ns)3
3 Falling slew rate measured between 0.5 × V
DD_IO_MEM + 50 mV and 0.5 × VDD_IO_MEM – 450 mV for all modes.
Current
Ioh (mA)
Current
Iol (mA)
SpecID
DDR
VDD_IO_MEM = 2.5 V (DDR) Configuration 3 (011)
0.45
0.45
16.2
16.2
D3.45
VDD_IO_MEM = 1.8 V (LPDDR
and SDR)
Configuration 0 (000)
0.8
0.8
4.6
4.6
D3.46
Configuration 1 (001)
8.1
8.1
D3.47
VDD_IO_MEM = 1.8 V (DDR2) Configuration 2 (010)
0.7
0.7
5.3
5.3
D3.48
Configuration 6 (110)
13.4
13.4
D3.49
VDD_IO_MEM = 3.3 V (SDR) Configuration 7 (111)
0.45
0.45
8
8
D3.50
Table 9. ESD and Latch-Up Protection Characteristics
Sym
Rating
Min
Max
Unit
SpecID
VHBM
Human body model (HBM) — JEDEC JESD22-A114-B
2000
—
V
D4.1
VMM
Machine model (MM) — JEDEC JESD22-A115
200
—
V
D4.2
VCDM
Charge device model (CDM) — JEDEC JESD22-C101
250
—
V
D4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com