Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
AC Electrical Characteristics
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
27
Table 3-7 Flash Timing Parameters
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6V, TA = –40° to +85°C, CL ≤ 50pF
Characteristic
Symbol
Min
Typ
Max
Unit
Figure
Program time
Tprog*
20
–
–
us
Figure 3-4
Erase time
Terase*
20
–
–
ms
Figure 3-5
Mass erase time
Tme*
100
–
–
ms
Figure 3-6
Endurance1
1.
One cycle is equal to an erase program and read.
ECYC
10,000
20,000
–
cycles
Data Retention1
DRET
10
30
–
years
The following parameters should only be used in the Manual Word Programming Mode
PROG/ERASE to NVSTR set
up time
Tnvs*
–5
–
us
Figure 3-4,
Figure 3-5,
Figure 3-6
NVSTR hold time
Tnvh*
–5
–
us
Figure 3-4,
Figure 3-5
NVSTR hold time (mass erase)
Tnvh1*
–100
–
us
Figure 3-6
NVSTR to program set up time
Tpgs*
–10
–
us
Figure 3-4
Recovery time
Trcv*
–1
–
us
Figure 3-4,
Figure 3-5,
Figure 3-6
Cumulative program
HV period2
2.
Thv is the cumulative high voltage programming time to the same row before next erase. The same address cannot be
programmed twice before next erase.
Thv
–3
–
ms
Figure 3-4
Program hold time3
3.
Parameters are guaranteed by design in smart programming mode and must be one cycle or greater.
*The Flash interface unit provides registers for the control of these parameters.
Tpgh
––
–
Figure 3-4
Address/data set up time3
Tads
––
–
Figure 3-4
Address/data hold time3
Tadh
––
–
Figure 3-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com