Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
56F807 Technical Data Technical Data, Rev. 16
48
Freescale Semiconductor
Part 4 Packaging
4.1 Package and Pin-Out Information 56F807
This section contains package and pin-out information for the 56F807. This device comes in two case
types: low-profile quad flat pack (LQFP) or mold array process ball grid assembly (MAPBGA).
Figure 4-1 shows the package outline for the LQFP case, Figure 4-2 shows the mechanical parameters
for the LQFP case, and Table 4-1 lists the pinout for the LQFP case. Figure 4-3 shows the mechanical
parameters for the MAPBGA case, and Table 4-2 lists the pinout for the MAPBGA package.
Figure 4-1 Top View, 56F807 160-pin LQFP Package
A0
A1
A2
A3
A4
A5
A6
A7
VDD
A8
A9
A10
A11
A12
A13
A14
A15
VSS
PS
DS
WR
RD
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
VDD
D11
D12
Pin 1
Orientation Mark
121
41
D13
D14
D15
GPIOB0
ANB7
ANB6
ANB5
ANB4
ANB3
ANB2
ANB1
ANB0
VSSA
VDDA
VREF2
ANA7
ANA6
ANA5
ANA4
ANA3
ANA2
ANA1
ANA0
VSSA
VDDA
VREF
RESET
RSTO
VDD
VSS
VDD
EXTAL
XTAL
VSS
VSS
VDD
VDDA
VSSA
EXTBOOT
FAULTA3
FAULTA2
FAULTA1
FAULTA0
PWMA5
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com