Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
External Clock Operation
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
29
Figure 3-6 Flash Mass Erase Cycle
3.4 External Clock Operation
The 56F807 system clock can be derived from an external crystal or an external system clock signal. To
generate a reference frequency using the internal oscillator, a reference crystal must be connected between
the EXTAL and XTAL pins.
3.4.1
Crystal Oscillator
The internal oscillator is also designed to interface with a parallel-resonant crystal resonator in the
frequency range specified for the external crystal in Table 3-9. In Figure 3-7 a recommended crystal
oscillator circuit is shown. Follow the crystal supplier’s recommendations when selecting a crystal, since
crystal parameters determine the component values required to provide maximum stability and reliable
start-up. The crystal and associated components should be mounted as close as possible to the EXTAL
and XTAL pins to minimize output distortion and start-up stabilization time. The internal 56F80x
oscillator circuitry is designed to have no external load capacitors present. As shown in Figure 3-8 no
external load capacitors should be used.
The 56F80x components internally are modeled as a parallel resonant oscillator circuit to provide a
capacitive load on each of the oscillator pins (XTAL and EXTAL) of 10pF to 13pF over temperature and
process variations. Using a typical value of internal capacitance on these pins of 12pF and a value of 3pF
XADR
YE=SE=OE=0
ERASE
NVSTR
Tnvs
Tnvh1
Trcv
Tme
MAS1
IFREN
XE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com