Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 53Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 54Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 55Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
56F807 Technical Data Technical Data, Rev. 16
52
Freescale Semiconductor
Figure 4-3 160 MAPBGA Mechanical Information
Please see www.freescale.com for the most current case outline.
NOTES:
1.
DIMENSIONS ARE IN MILLIMETERS.
2.
INTERPRET DIMENSIONS AND
TOLERANCES PER ASME Y14.5M, 1994.
3.
DIMENSION b IS MEASURED AT THE
MAXIMUM SOLDER BALL DIAMETER,
PARALLEL TO DATUM PLANE Z.
4.
DATUM Z (SEATING PLANE) IS DEFINED BY
THE SPHERICAL CROWNS OF THE SOLDER
BALLS.
5.
PARALLELISM MEASUREMENT SHALL
EXCLUDE ANY EFFECT OF MARK ON TOP
SURFACE OF PACKAGE.
CASE 1268-01
ISSUE O
X
0.20
LASER MARK FOR PIN 1
IDENTIFICATION IN
THIS AREA
e
13X
D
E
M
S
A1
A2
A
0.15 Z
0.30 Z
Z
ROTATED 90 CLOCKWISE
DETAIL K
°
5
VIEW M-M
e
13X
S
X
0.30
Y
Z
0.10 Z
3
b
160X
METALIZED MARK FOR
PIN 1 IDENTIFICATION
IN THIS AREA
14
13
12 11 10
9
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
4
160X
DIM MIN
MAX
MILLIMETERS
A
1.32
1.75
A1
0.27
0.47
A2
1.18 REF
b
0.35
0.65
D
15.00 BSC
E
15.00 BSC
e
1.00 BSC
S
0.50 BSC
Y
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com