Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Analog-to-Digital Converter (ADC) Signals
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
19
2.12 Analog-to-Digital Converter (ADC) Signals
2.13 Quad Timer Module Signals
Table 2-17 Analog to Digital Converter Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
4
ANA0-3
Input
Input
ANA0-3—Analog inputs to ADCA channel 1
4
ANA4-7
Input
Input
ANA4-7—Analog inputs to ADCA channel 2
2
VREF
Input
Input
VREF—Analog reference voltage for ADC. Must be set to
VDDA-0.3V for optimal performance.
4
ANB0-3
Input
Input
ANB0-3—Analog inputs to ADCB, channel 1
4
ANB4-7
Input
Input
ANB4-7—Analog inputs to ADCB, channel 2
Table 2-18 Quad Timer Module Signals
No. of
Pins
Signal
Name
Signal Type
State During
Reset
Signal Description
2
TC0-1
Input/Output
Input
TC0-1—Timer C Channels 0 and 1
4
TD0-3
Input/Output
Input
TD0-3—Timer D Channels 0, 1, 2, and 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com