Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 53Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 54Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 55Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 56Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Package and Pin-Out Information 56F807
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
53
Table 4-2 160 MAPBGA Package Pin Identification by Pin Number
Solder
Ball
Signal Name
Solder
Ball
Signal Name
Solder
Ball
Signal Name
Solder
Ball
Signal Name
C3
A0
N4
GPIOB5
K12
VSSA
E10
TC1
B2
A1
P4
GPIOB6
K13
VDDA
D9
TRST
D3
A2
M4
GPIOB7
L14
VDD
B9
TCS
C2
A3
L5
VSS
K11
VSS
E9
TCK
B1
A4
N5
GPIOD0
K14
VSS
A9
TMS
D2
A5
P5
GPIOD1
J13
XTAL
D8
TDI
C1
A6
K5
GPIOD2
J12
EXTAL
B8
TDO
D1
A7
N6
GPIOD3
J14
VDD
A8
VCAPC2
E3
VDD
L6
GPIOD4
J11
VSS
E8
MSCAN_TX
E2
A8
K6
GPIOD5
H13
VDD
D7
VDD
E1
A9
P6
TXD1
H12
RSTO
E7
VSS
F3
A10
N7
RXD1
H14
RESET
D6
MSCAN_RX
F2
A11
L7
PWMB0
H11
VREF
H1
D1
F1
A12
P7
PWMB1
G12
VDDA
H2
D2
G3
A13
K7
PWMB2
G11
VSSA
J3
D3
G2
A14
L8
PWMB3
G14
ANA0
J1
D4
G1
A15
K8
PWMB4
B13
DE
J2
D5
F4
VSS
P8
PWMB5
A14
VSS
K3
D6
G4
PS
L9
VDD
B12
ISA0
K1
D7
H4
DS
N8
ISB0
A13
ISA1
L1
D8
J4
WR
P14
PWMA5
A12
ISA2
K2
D9
K4
RD
M13
FAULTA0
B11
TD0
L3
D10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com